Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVALISB047V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVALISB047V1
Description  Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVALISB047V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVALISB047V1 Datasheet HTML 1Page - STMicroelectronics STEVALISB047V1 Datasheet HTML 2Page - STMicroelectronics STEVALISB047V1 Datasheet HTML 3Page - STMicroelectronics STEVALISB047V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
STWBC-MC digital controller
•
MP-A15 3-coil array
•
15 W potential power
•
Flexible input voltage: 5 to 20 V from USB-C or DC jack
•
5 W mode when connected to 5 V USB input or DC jack
•
Fixed frequency operation
•
WPC Qi1.2.4 standard certified
•
Robust demodulation algorithm, with triple path (V, I, f)
•
Foreign object detection (FOD)
•
Active presence detection
•
UART protocol to control and monitor the system
•
Complete reference design (evaluation board, schematics, PCB layout, firmware
and tools)
•
2-layer PCB
•
Low standby power consumption
•
Flash memory based
•
CE certified
•
RoHS compliant
•
WEEE compliant
Description
The STEVAL-ISB047V1 wireless battery charger TX evaluation kit consists of the
STEVAL-ISB047V1T evaluation board and STEVAL-WBCDNGV1 USB-UART
dongle. The kit is designed for charging devices such as smartphones or tablets
where high power levels are required.
The evaluation board supports wireless battery charging of Qi-compliant devices up
to 15 W. It also supports proprietary fast charging modes up to 10 W.
The STEVAL-ISB047V1 transmitter is based on the STWBC-MC and features a cost-
effective half bridge topology, offering external interface via UART.
The STEVAL-ISB047V1 evaluation kit is a full solution, complete with boards,
firmware, a GUI for debugging, schematics, layout files and bill of materials.
Tools for STEVAL-ISB047V1 are available on www.st.com, and allow users to access
runtime information such as power delivered, regulation error and protocol status.
Parameters can also be adjusted with these tools.
Product summary
Qi certified 3-coil 15 W
wireless charger TX
evaluation kit based on
STWBC-MC
STEVAL-
ISB047V1
USB-UART dongle
STEVAL-
WBCDNGV1
Digital controller for
wireless battery
chargers transmitters
for Qi multicoil
applications
STWBC-MC
Firmware for STEVAL-
ISB047V1
STSW-
ISB047FW
Stand-alone USB PD
controller
STUSB4500
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
STEVAL-ISB047V1
Data brief
DB3701 - Rev 2 - February 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEVALISB047V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVALISB035V1 STMICROELECTRONICS-STEVALISB035V1 Datasheet
307Kb / 4P
Li-Ion/Li-Po battery power management evaluation board based on STBC03
27-Sep-2017
More results

Similar Description - STEVALISB047V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC04 STMICROELECTRONICS-STWLC04 Datasheet
1Mb / 18P
Qi based, 1 W optimized wireless power receiver
06-Sep-2016
STEVAL-ISB027V1 STMICROELECTRONICS-STEVAL-ISB027V1 Datasheet
355Kb / 6P
Qi A11 wireless charger transmitter evaluation board based on STWBC
02-Mar-2015
STEVAL-ISB038V1 STMICROELECTRONICS-STEVAL-ISB038V1 Datasheet
724Kb / 9P
1 W wearable wireless power system based on STWBC-WA and STWLC04
21-Nov-2016
STEVAL-ISB038V1R STMICROELECTRONICS-STEVAL-ISB038V1R Datasheet
767Kb / 6P
1 W Wearable wireless charger receiver based on STWLC04
21-Nov-2016
STEVAL-ISB038V1T STMICROELECTRONICS-STEVAL-ISB038V1T Datasheet
1Mb / 7P
1 W wearable wireless power transmitter based on STWBC-WA
21-Nov-2016
STEVAL-ISB039V1 STMICROELECTRONICS-STEVAL-ISB039V1 Datasheet
562Kb / 7P
1 W wireless charger system Tx/Rx based on STM32F0 and STWLC03
15-Sep-2016
STEVAL-ISB044V1 STMICROELECTRONICS-STEVAL-ISB044V1 Datasheet
713Kb / 10P
Qi MP-A10 15 W wireless charger TX evaluation kit based onSTWBC-EP
09-Oct-2017
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
logo
STMicroelectronics
EVALSTWBC-EP STMICROELECTRONICS-EVALSTWBC-EP Datasheet
2Mb / 4P
Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
May 2019
STEVAL-ISB045V1 STMICROELECTRONICS-STEVAL-ISB045V1 Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com