Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3281 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L3281
Description  LOW VOLTAGE TELEPHONE SPEECH CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3281 Datasheet(HTML) 5 Page - STMicroelectronics

  L3281 Datasheet HTML 1Page - STMicroelectronics L3281 Datasheet HTML 2Page - STMicroelectronics L3281 Datasheet HTML 3Page - STMicroelectronics L3281 Datasheet HTML 4Page - STMicroelectronics L3281 Datasheet HTML 5Page - STMicroelectronics L3281 Datasheet HTML 6Page - STMicroelectronics L3281 Datasheet HTML 7Page - STMicroelectronics L3281 Datasheet HTML 8Page - STMicroelectronics L3281 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CIRCUIT DESCRIPTION
TWO TO FOUR WIRE CONVERSION
The L3281AB is based on a Wheastone bridge
configuration. To balance the bridge the following
relation must be satisfied:
ZI / /
Zm
Zb
= R2
R3
The AC signal from the microphone is sent to one
diagonal of the bridge (pins 1 and 3). A small per-
centage of the signal power is lost on Zb (being
Zb > (Zm//Zi)); the main part is sent to the line via
R2.
In receiving mode, the AC signal coming from the
LINE is sensed across the second diagonal of the
bridge (pins 12 and 2).
The impedance Zm and Zb can be complex.
LOGIC OF MUTE SWITCHING
MUTE
DTMF
BEEP
MIC IMP
RX IMP
LOW
ACTIVE TO LINE
ACTIVE TO EARPHONE
MUTED
MUTED
(DIAL)
OUTPUT
OUTPUT
OPEN
ACTIVE TO LINE
ACTIVE TO EARPHONE
ACTIVE
ACTIVE
(SPEECH)
OUTPUT
OUTPUT
Figure 4: 2/4 Wire Conversion
L3281
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com