Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLS8 Datasheet(PDF) 4 Page - Fluke Corporation

Part # ISLS8
Description  1000 volt insulated hand tools. Lifetime warranty.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

ISLS8 Datasheet(HTML) 4 Page - Fluke Corporation

  ISLS8 Datasheet HTML 1Page - Fluke Corporation ISLS8 Datasheet HTML 2Page - Fluke Corporation ISLS8 Datasheet HTML 3Page - Fluke Corporation ISLS8 Datasheet HTML 4Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Insulated hand tools brochure Fluke Corporation 7
6 Fluke Corporation Insulated hand tools brochure
It takes more than one tool to finish a job. That’s why you have a pack to carry it all.
And why Fluke offers you a range of tool bundles to pick from.
Kits and bundles
IKSC7
Insulated 7 Piece
Screwdriver Kit
•
3 slotted tips
•
2 Phillips tips
•
2 square drive tips
IB875K
Fluke 87V Industrial Multimeter +
Insulated Hand Tools Starter Kit
•
Fluke 87V Industrial Multimeter
•
3 slotted tips
•
2 Phillips tips
•
Long nose pliers
•
Heavy duty diagonal cutter
•
Heavy duty combination pliers
•
Roll-up tool pouch
IKPL3
Insulated 3 Piece Pliers Kit
•
Long nose pliers
•
Heavy duty diagonal cutter
•
Heavy duty combination
pliers
•
Roll-up tool pouch
IB117K
Fluke 117 Electrician’s
Multimeter + Insulated Hand
Tools Starter Kit
•
Fluke 117 Electrician’s
Multimeter
•
3 slotted tips
•
2 Phillips tips
•
Long nose pliers
•
Heavy duty combination pliers
•
Heavy duty diagonal cutter
•
Roll-up tool pouch
IKST7
Insulated Hand Tools
Starter Kit
•
3 slotted tips
•
2 Phillips tips
•
Long nose pliers
•
Heavy duty diagonal cutter
•
Heavy duty combination pliers
•
Roll-up tool pouch
IKPK7
Fluke Pack30 Professional
Tool Backpack + Insulated
Hand Tools Starter Kit
•
Fluke Pack30 Professional
Tool Backpack
•
3 slotted tips
•
2 Phillips tips
•
Long nose pliers
•
Heavy duty diagonal cutter
•
Heavy duty combination pliers
•
Roll-up tool pouch
IBT6K
Fluke T6 Electrical Tester +
Insulated Hand Tools Starter Kit
•
Fluke T6 Electrical Tester
•
3 slotted tips
•
2 Phillips tips
•
Long nose pliers
•
Heavy duty diagonal cutter
•
Heavy duty combination pliers
•
Roll-up tool pouch
Fluke insulated screwdrivers
The job isn’t finished until everything is tightened down. Precision
insulated tools fit and grip the fastener properly to apply maximum
torque without damage to the head. Hardened chromium-molybde-
num-vanadium (CMV) steel blades minimize wear. The last thing
you want is to have your driver slip out of the screw head and
possibly contact a nearby live conductor.
Fluke offers three styles and multiple sizes—seven drivers in all.
All certified to 1,000 V ac and 1,500 V dc. Every screwdriver
individually tested to 10,000 V.
•
Ergonomic handle that adapts to user’s hand, causes less strain
and work fatigue and provides maximum torque.
•
Full length, impact proof handle core is coated with soft-grip
outer material, hanging hole for extra security, and anti-roll
handle design.
•
Slim insulated shaft allows access in hard to reach areas.
•
Manufactured from CMV steel for superior durability.
Slot-head drivers
Phillips-head drivers
Square-head drivers
Screwdrivers
Fluke model
Description
ISLS3
Insulated Slotted Screwdriver 3/32x3 in,
2.5 mm x 75 mm, 1,000 V
ISLS5
Insulated Slotted Screwdriver 5/32x4 in,
4 mm x 100 mm, 1,000 V
ISLS8
Insulated Slotted Screwdriver 1/4x5 in,
6 mm x 125 mm, 1,000 V
Fluke model
Description
IPHS1
Insulated Phillips Screwdriver #1, 3 in, 75 mm,
1,000 V
IPHS2
Insulated Phillips Screwdriver #2, 4 in,
100 mm, 1,000 V
Fluke model
Description
ISQS1
Insulated Squared Screwdriver #1, 4 in,
100 mm, 1,000 V
ISQS2
Insulated Squared Screwdriver #2, 5 in,
125 mm, 1,000 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com