Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISLS5 Datasheet(PDF) 3 Page - Fluke Corporation

Part # ISLS5
Description  1000 volt insulated hand tools. Lifetime warranty.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

ISLS5 Datasheet(HTML) 3 Page - Fluke Corporation

  ISLS5 Datasheet HTML 1Page - Fluke Corporation ISLS5 Datasheet HTML 2Page - Fluke Corporation ISLS5 Datasheet HTML 3Page - Fluke Corporation ISLS5 Datasheet HTML 4Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Insulated hand tools brochure Fluke Corporation 5
4 Fluke Corporation Insulated hand tools brochure
Fluke insulated pliers and cutters
Wires need cutting. Cables need pulling. Knockouts need twisting. Sometimes
things just need holding. Fluke insulated pliers and cutters give you a range of
options when the job requires jaws with bite.
Fast adjust pump pliers
•
More gripping strength and comfort compared to conventional pump pliers of the same length.
•
27 jaw adjustment steps for more accurate gripping of work piece with less slippage than other designs.
•
Improved access to the workpiece in tight spaces due to slim size in the head and joint area.
•
Self-locking on pipes and nuts: no slipping on the workpiece with low hand force required.
•
Gripping surfaces with teeth hardened to HRC61 for low wear and reliable gripping.
•
Box-joint design; high stability because of double guide.
•
Pinch guard prevents operators´ fingers being pinched.
•
German CMV steel, forged, multi stage oil-hardened.
Heavy duty, high leverage diagonal cutter
•
Cuts hard materials including steel and piano wire.
•
Power joint and precision cutting edges.
•
German CMV steel.
Heavy duty combination pliers
•
Secure hold by aggressive serrated jaws and 4-point gripping hole.
•
Slim shape for better access to wires in tight spaces.
•
Powerful gripping jaw, yet 20 % lighter weight than other designs.
•
German CMV steel.
Pliers and cutters
Long nose pliers with side cutter and gripping zones
•
Unique milled wave pattern gripping zones.
•
4 gripping points for pulling round objects with superior grip that won’t slip.
•
Straight, half-round, long and slim knurled jaws, specially profiled.
•
Side cutting edge for wire cutting.
•
German CMV steel.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com