Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3867 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF3867
Description  DUAL-CHANNEL, WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3867 Datasheet(HTML) 6 Page - RF Micro Devices

  RF3867 Datasheet HTML 1Page - RF Micro Devices RF3867 Datasheet HTML 2Page - RF Micro Devices RF3867 Datasheet HTML 3Page - RF Micro Devices RF3867 Datasheet HTML 4Page - RF Micro Devices RF3867 Datasheet HTML 5Page - RF Micro Devices RF3867 Datasheet HTML 6Page - RF Micro Devices RF3867 Datasheet HTML 7Page - RF Micro Devices RF3867 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 of 8
RF3867
Rev A0 DS070808
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
5V Noise Figure versus Temperature
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1500.0
2000.0
2500.0
3000.0
Frequency (MHz)
-40
25
85
5V Gain versus Temperature
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
1600.0
1800.0
2000.0
2200.0
2400.0
2600.0
2800.0
Frequency (MHz)
-40
25
85
5V OIP3 versus Temperature
33.5
34.0
34.5
35.0
35.5
36.0
36.5
37.0
37.5
1600.0
1800.0
2000.0
2200.0
2400.0
2600.0
2800.0
Frequency (MHz)
-40
25
85
5V P1dB versus Temperature
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
1600.0
1800.0
2000.0
2200.0
2400.0
2600.0
2800.0
Frequency (MHz)
-40
25
85
5V Noise Figure versus Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
Frequency (GHz)
-40
25
85
5V Gain versus Temperature
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
Frequency (GHz)
-40
25
85



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com