Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3802 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3802
Description  GaAs HBT PRE-DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3802 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3802_1 Datasheet HTML 1Page - RF Micro Devices RF3802_1 Datasheet HTML 2Page - RF Micro Devices RF3802_1 Datasheet HTML 3Page - RF Micro Devices RF3802_1 Datasheet HTML 4Page - RF Micro Devices RF3802_1 Datasheet HTML 5Page - RF Micro Devices RF3802_1 Datasheet HTML 6Page - RF Micro Devices RF3802_1 Datasheet HTML 7Page - RF Micro Devices RF3802_1 Datasheet HTML 8Page - RF Micro Devices RF3802_1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RF3802
Rev A6 DS050609
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)9
VPC
Power Control Voltage (VREF)9
V
DC Supply Current
2000
mA
Input RF Power
23
dBm
Output Load VSWR
5:1
Operating Ambient Temperature
+85
°C
Storage Temperature
+125
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
IREF=22mA, VCC=VBIAS=VREF=8V,
Temp=+25°C
850MHz Band
Frequency
869
894
MHz
P1dB
36.0
36.5
37.0
dBm
dBm
Total Efficiency
35.5
36.5
39.0
%
@ P1dB
Total Power Added Efficiency
34.5
35.5
38.0
%
@ P1dB
Large Signal Power Gain
17.5
18.5
19.5
dB
20dBm<POUT<33dBm
Second Harmonic
-40
dBc
Third Harmonic
-40
dBc
Input Return Loss
12
15
dB
Output Return Loss
12
15
dB
OIP3
41.0
dBm
23dBm/tone
46.0
dBm
26dBm/tone
48.0
dBm
28dBm/tone
49.0
dBm
30dBm/tone
Noise
6.4
dB
IREF=22mA, VCC=VBIAS=VREF=8V,
Temp=+25°C
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com