Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB-400. Datasheet(PDF) 7 Page - Brainboxes Limited

Part # BB-400.
Description  BB-400 NeuronEdge Smart Controller for Industry 4
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

BB-400. Datasheet(HTML) 7 Page - Brainboxes Limited

  BB-400. Datasheet HTML 1Page - Brainboxes Limited BB-400. Datasheet HTML 2Page - Brainboxes Limited BB-400. Datasheet HTML 3Page - Brainboxes Limited BB-400. Datasheet HTML 4Page - Brainboxes Limited BB-400. Datasheet HTML 5Page - Brainboxes Limited BB-400. Datasheet HTML 6Page - Brainboxes Limited BB-400. Datasheet HTML 7Page - Brainboxes Limited BB-400. Datasheet HTML 8Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BB
RANGE
UK +44 (0)151 220 2500 // USA +1 855 958 2502 // JAPAN +81-3-3683-0509
www.brainboxes.com // sales@brainboxes.com
Serial Port
Ports
1x RS232, RS422/485 Full Duplex, or RS485 Half Duplex Software Selectable
Baud Rate
Any custom Baud rate between 60 - 921,600 Baud can be selected
Tx FIFO Size
128
Rx FIFO Size
128
Data Bits
5,6,7 or 8
Parity
Odd, Even, Mark, None
Stop Bits
1, 1.5 or 2
Flow Control
RTS/CTS, XON/XOFF
Operating Distance
RS422/485 Standard (4000 ft : 1200 metres) / EIA - RS232 Standard



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com