Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D56 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D56
Description  Fire Annunciator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D56 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D56 Datasheet HTML 1Page - List of Unclassifed Manufacturers D56 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fire Alarm Systems | D1257 Fire Annunciator
The D1257 Fire Annunciator is typically installed in
building entrances and areas with unrestricted access.
This allows a responding agency or persons evacuating
the building to quickly and safely identify the type and
location of the emergency from outside the building.
It has a built-in sounder that allows it to be installed out
of sight. Audible tones alert personnel to fire system
events and assist fire fighters in locating the
annunciator.
The D1257 can be placed in public locations because it
lacks function keys. Two navigational keys allow the user
to step forward or backward through a list of system
events.
Certifications and Approvals
Listings and
UL AMCX: Central Station Alarm Units (UL1610)
Approvals:
UL APAW: Police Station Alarm Units (UL365)
UL APOU: Proprietary Alarm Units (UL1076)
UL NBSX: Household Burglary Alarm System Units
(UL1023)
UL UOXX: Control Unit Accessories, System (UL864)
UL UTOU: Control Units and Accessories – Household Sys-
tem Type (UL985)
CSFM 7167-1615: 100, 7165-1615: 113,
7165-1615: 119, 7170-1615: 144,
7170-1615: 145
Factory Mutual Research
NYC/MEA (12-92-E, Vol. 12)
Installation/Configuration Notes
Compatible Control Panels
The D1257 Fire Annunciator is compatible with the
D7212, D7212B1, D7212G, D7412, D7412G, D9112,
D9112B1, D9124, D9412 (using the D9112LTB, the
D9112LTB-EX, or the D9412GLTB), and D9412G Control
Panels.
Mounting
The D1257 is a low profile, surface-mounted unit molded
in durable red plastic with three mounting holes in the
base that allow secure, correct positioning during
installation. Protect the surface-mounted D1257 by
mounting it to a D56 or D56R Conduit Back Box. The
D1257 can be flush mounted using a D54B or D54C
Flush-mount Kit. For desktop applications, the D1257
can be mounted to a D55 Desk Stand.
Note
Do not install the D1257 in direct sunlight.
This damages the module components and
makes the display less visible. Do not mount
the D1257 in wet or moist locations.
D1257 Fire Annunciator
▶ Can be remotely installed in public access areas
▶ Built-in multi-tone sounder
▶ Easy to read vacuum fluorescent display shows
complete system status in English format
▶ Programmable custom text for each point
▶ Local system test display
▶ Molded red ABS plastic construction
www.boschsecurity.com


Similar Part No. - D56

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D56 ETC2-D56 Datasheet
45Kb / 8P
Control/Communicators
logo
NEC
D560 NEC-D560 Datasheet
90Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
logo
Intel Corporation
D56006-001US INTEL-D56006-001US Datasheet
1Mb / 94P
Technical Product Specification
D56013-001US INTEL-D56013-001US Datasheet
1Mb / 98P
Technical Product Specification
D56019-001US INTEL-D56019-001US Datasheet
1Mb / 102P
Technical Product Specification
More results

Similar Description - D56

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
Fire Command Center, Fire Annunciator
2800-SCS-8 ETC2-2800-SCS-8 Datasheet
64Kb / 1P
Fan Control Annunciator Module
logo
Gamewell-FCI by Honeywe...
1100-0505 GAMEWELL-FCI-1100-0505 Datasheet
43Kb / 1P
Network graphic annunciator
RAN-400 GAMEWELL-FCI-RAN-400 Datasheet
82Kb / 2P
Remote Annunciator
1100-0505 GAMEWELL-FCI-1100-0505_13 Datasheet
80Kb / 2P
NGA Network Graphic Annunciator
LCD-SLP GAMEWELL-FCI-LCD-SLP Datasheet
61Kb / 1P
LCD Touchscreen Annunciator Display
RAN-7100 GAMEWELL-FCI-RAN-7100 Datasheet
68Kb / 1P
Remote Alphanumeric Annunciator
logo
Laird Tech Smart Techno...
QR-13AF LSTD-QR-13AF Datasheet
201Kb / 2P
Fire retardant
logo
3M Electronics
E-54A 3M-E-54A Datasheet
157Kb / 3P
Fire Protection Products
logo
Schneider Electric
SSP030DRSE10 SCHNEIDER-SSP030DRSE10 Datasheet
81Kb / 1P
Video/Security/Fire
12-Feb-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com