Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4805 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4805
Description  VERY LOWDROP VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4805 Datasheet(HTML) 2 Page - STMicroelectronics

  L4805 Datasheet HTML 1Page - STMicroelectronics L4805 Datasheet HTML 2Page - STMicroelectronics L4805 Datasheet HTML 3Page - STMicroelectronics L4805 Datasheet HTML 4Page - STMicroelectronics L4805 Datasheet HTML 5Page - STMicroelectronics L4805 Datasheet HTML 6Page - STMicroelectronics L4805 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
+ 35
V
DC Input Reverse Voltage
- 18
V
Transient Input Overvoltages :
Load Dump :
5ms < Trise < 10ms,
τ
f Fall Time Constant = 100ms,
Rsource < 0.5
Field Decay :
5ms < tfall < 10ms, Rsource <10
τ
r Rise Time Constant = 33ms
60
-60
V
V
Tj,Tstg
Junction and Storage Temperature Range
- 55 to + 150
°C
THERMAL DATA
Symbol
Parameter
SOT82
TO220
Unit
Rth j-case
Thermal Resistance Junction-case
Max.
8
4
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
Max.
100
75
°C/W
PIN CONNECTION (top view)
TEST AND APPLICATION CIRCUIT
The output capacitor is required for stability. Though
the 100
µF shown is the minimum recommended
value, actual size and type may vary depending
upon the application load and temperature range.
Capacitor effectiveseries resistance (ESR) also fac-
tors in the IC stability. Since ESR varies from one
brand to the next,some bench work may be required
to determine the minimum capacitor value to use in
production. Worst-case is usually determined at the
minimum ambient temperature and maximum load
expected.
Output capacitors can be increased in size to any
desired value above the minimum. One possible
purpose of this would be to maintain the output vol-
tages during brief conditions of negative input tran-
sients that might be characteristics of a particular
system.
Capacitors must also be rated at all ambient tempe-
rature expected in the system. Many aluminum type
electrolytics will freeze at temperatures less than –
30
°C, reducing their effective capacitance to zero.
To maintain regulator stability down to – 40
°C, ca-
pacitors rated at that temperature (such as tan-
talums) must be used.
Order Codes
Output Voltage
TO-220
SOT-82
L4805CV
L4808CV
L4885CV
L4892CV
L4810CV
L4812CV
L4805CX
L4808CX
L4885CX
L4892CX
L4810CX
L4812CX
5V
8V
8.5 V
9.2 V
10 V
12 V
L4805-L4808-L4885-L4892-L4810-L4812
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com