Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS3FS Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # RS3FS
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RS3FS Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  RS3FS Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RS3FS Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
and s im ilar s olvents
MECHANICAL DATA
Cas e:JEDEC DO-27,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces ,1.15 gram s
Mounting pos ition: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J =125
Maximum instantaneous f orw ard voltage
@ 3.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
N OTE:1. Measured with I
F=0.5A, I R=1A, I rr=0. 25A.
2. Measured at 1.0MH
Z and applied rev ers e v olt age of 4. 0V D C .
3. Therm al resistance f rom junc tion to am bient.
GALAXY ELECTRICAL
RS3FS
1500
1050
1500
DO - 27
Eas ily cleaned with Freon,Alcohol,Is opropanol
VOLTAGE RANGE: 1500 V
CURRENT: 3.0 A
3.0
A
FAST RECOVERY RECT IFIER
IF(AV)
The plas tic m aterial carries U/L recognition 94V-0
RS3FS
A
IFSM
A
-55----+150
10.0
100.0
1.1
500
-55----+150
IR
150.0
32
22
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0261066
1.


Similar Part No. - RS3FS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RS3FS SANKEN-RS3FS Datasheet
20Kb / 1P
Damper Diodes (For TV)
logo
List of Unclassifed Man...
RS3FS ETC-RS3FS Datasheet
69Kb / 2P
Damper Diodes
logo
Shenzhen Luguang Electr...
RS3FS LUGUANG-RS3FS Datasheet
170Kb / 2P
Fast Recovery Rectifier
logo
Diode Semiconductor Kor...
RS3FS DSK-RS3FS Datasheet
275Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - RS3FS

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com