Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4812 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4812
Description  VERY LOWDROP VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4812 Datasheet(HTML) 5 Page - STMicroelectronics

  L4812 Datasheet HTML 1Page - STMicroelectronics L4812 Datasheet HTML 2Page - STMicroelectronics L4812 Datasheet HTML 3Page - STMicroelectronics L4812 Datasheet HTML 4Page - STMicroelectronics L4812 Datasheet HTML 5Page - STMicroelectronics L4812 Datasheet HTML 6Page - STMicroelectronics L4812 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SOT82 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
7.4
7.8
0.291
0.307
B
10.5
10.8
0.413
0.425
b
0.7
0.9
0.028
0.035
b1
0.49
0.75
0.019
0.030
C
2.4
2.7
0.094
0.106
c1
1.2
0.047
D
15.7
0.618
e
2.2
0.087
e3
4.4
0.173
F
3.8
0.150
H
2.54
0.100
L4805-L4808-L4885-L4892-L4810-L4812
5/7



Html Pages

1 2 3 4 5 6 7