Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EU2 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # EU2
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

EU2 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  EU2 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited EU2 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Cas e:JEDEC DO--41,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.012 ounces ,0.34 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectified current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J =125
Maximum instantaneous f orw ard voltage
@ I
F=IF(AV)
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Measured at 1.0MH z and applied rev erse v oltage of 4.0V D C.
1.40
0.90
GALAXY ELECTRICAL
The plas tic m aterial carries U/L recognition 94V-0
Eas ily cleaned with Alcohol,Is opropanol
and s im ilar s olvents
IF(AV)
HIGH EFFICIENCY RECT IFIER
EU2Z
210
140
N OTE: 1. Measured with I
F=0. 5A, I R=1A, I rr=0. 25A
60
300.0
- 55 ----- + 150
IR
- 55 ----- + 150
10.0
50
100
15
A
15.0
EU2YX(Z)---EU2A(Z)
A
VOLTAGE RANGE: 100 --- 600 V
CURRENT: 1.0---1.2 A
DO - 41
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
200
EU2YX
3.Therm al resistance junction to ambient.
A
100
IFSM
25.0
600
1.2
1.0
400
20
EU2
EU2A
600
200
100
400
420
70
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 0262035
1
.


Similar Part No. - EU2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EU2 SANKEN-EU2 Datasheet
20Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
EU2 EIC-EU2 Datasheet
48Kb / 2P
FAST RECOVERY
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
Miniature Relays
logo
Shenzhen Luguang Electr...
EU2 LUGUANG-EU2 Datasheet
180Kb / 2P
High Efficiency Rectifiers
logo
EIC discrete Semiconduc...
EU2-EU2Z EIC-EU2-EU2Z Datasheet
48Kb / 2P
EU2-EU2Z - EU2-EU2Z - EIC discrete Semiconductors
More results

Similar Description - EU2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com