Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4920 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4920
Description  VERY LOWDROP ADJUSTABLE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4920 Datasheet(HTML) 2 Page - STMicroelectronics

  L4920 Datasheet HTML 1Page - STMicroelectronics L4920 Datasheet HTML 2Page - STMicroelectronics L4920 Datasheet HTML 3Page - STMicroelectronics L4920 Datasheet HTML 4Page - STMicroelectronics L4920 Datasheet HTML 5Page - STMicroelectronics L4920 Datasheet HTML 6Page - STMicroelectronics L4920 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
DC Input Operating Voltage
DC Reverse Input Voltage
Transient Input Overvoltages:
Load Dump:
5ms
≤ trise ≤ 10ms
τf Fall time constant = 100ms
RSOURCE
≥ 0.5Ω
Field Decay:
5ms
≤ tfall ≤ 10ms, RSOURCE ≥ 10Ω
τf Rise time constant = 33ms
35
V
TJ,TSTG Junction and Storage Temperature Range
– 55 to 150
°C
PIN CONNECTIONS (top view)
TEST AND APPLICATION CIRCUIT
THERMAL DATA
Symbol
Parameter
Minidip
(4 + 4)
Pentawatt
Rth j-amb
Rth j-pins
Rth j-case
Thermal Resistance Junction-ambient
Thermal Resistance Junction-pins
Thermal Resistance Junction-case
Max
Max
Max
80
°C/W
15
°C/W
–
60
°C/W
–
3.5
°C/W
C = 100
µF is required for stability (ESR ≤ 3Ω over T range)
R2 = 6.2K
Ω.
L4920/L4921
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com