Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1741 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1741
Description  2 A, Low Dropout, CMOS Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1741 Datasheet(HTML) 3 Page - Analog Devices

  ADP1741 Datasheet HTML 1Page - Analog Devices ADP1741 Datasheet HTML 2Page - Analog Devices ADP1741 Datasheet HTML 3Page - Analog Devices ADP1741 Datasheet HTML 4Page - Analog Devices ADP1741 Datasheet HTML 5Page - Analog Devices ADP1741 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary Technical Data
ADP1740/ADP1741
Rev. PrA | Page 3 of 6
SPECIFICATIONS
VIN = (VOUT + 0.4 V) or 1.8 V (whichever is greater), IOUT = 10 mA, CIN = COUT = 4.7 μF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +125°C
1.6
3.6
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 0 mA
45
μA
IOUT = 100 mA
500
μA
IOUT = 100 mA, TJ = −40°C to +125°C
TBD
μA
IOUT = 2 A
1.3
mA
IOUT = 2 A, TJ = −40°C to +125°C
TBD
mA
SHUTDOWN CURRENT
IGND-SD
EN = GND
1
3
μA
EN = GND, TJ = −40°C to +125°C
30
μA
OUTPUT VOLTAGE ACCURACY
VOUT
IOUT = 10 mA
−1
+1
%
IOUT = 1 mA to 2 A
−1.5
+1.5
%
Fixed Output Voltage Accuracy
(ADP1740)
1 mA < IOUT < 2 A, TJ = −40°C to +125°C
−2.5
+2.5
%
VOUT
IOUT = 10 mA
0.743
0.75
0.758
V
IOUT = 1 mA to 2 A
0.739
0.761
V
Adjustable Output Voltage Accuracy
(ADP1741)1
1 mA < IOUT < 2 A, TJ = −40°C to +125°C
0.731
0.769
V
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 0.4 V) to 3.6 V,
TJ = −40°C to +125°C
−0.1
+0.1
%/V
LOAD REGULATION2
∆VOUT/∆IOUT
IOUT = 10 mA to 2 A, TJ = −40°C to +125°C
TBD
%/mA
DROPOUT VOLTAGE3
VDROPOUT
IOUT = 100 mA, VOUT ≥ 1.8 V
15
mV
IOUT = 100 mA, VOUT ≥ 1.8 V,
TJ = −40°C to +125°C
40
mV
IOUT = 2 A, VOUT ≥ 1.8 V
200
mV
IOUT = 2 A, VOUT ≥ 1.8 V, TJ = −40°C to +125°C
350
mV
START-UP TIME4
tSTART-UP
ADP1740 and ADP1741
CSS = 10 nF, IOUT = 10 mA
4.8
ms
CURRENT LIMIT THRESHOLD5
ILIMIT
TBD
3
TBD
A
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
PG OUTPUT LOGIC LEVEL
PG Output Logic High
PGHIGH
1.6 V ≤ VIN ≤ 3.6 V, IOH < 1 μA
1.0
V
PG Output Logic Low
PGLOW
1.6 V ≤ VIN ≤ 3.6 V, IOL <2 mA
0.4
V
PG Output Delay from EN Transition
Low to High
1.6 V ≤ VIN ≤ 3.6 V, CSS = 10 nF
TBD
ms
PG OUTPUT THRESHOLD
PG Threshold, Output Voltage Falling
PGFALL
1.6 V ≤ VIN ≤ 3.6 V
−10
%
PG Threshold, Output Voltage Rising
PGRISE
1.6 V ≤ VIN ≤ 3.6 V
−7
%
EN INPUT
EN Input Logic High
VIH
1.6 V ≤ VIN ≤ 3.6 V
1.0
V
EN Input Logic Low
VIL
1.6 V ≤ VIN ≤ 3.6 V
0.4
V
EN Input Leakage Current
VI-LEAKAGE
EN = IN or GND
0.1
1
μA
SOFT START INPUT
Soft Start Current
ISS
1.6 V ≤ VIN ≤ 3.6 V
TBD
1
TBD
μA
ADJ INPUT BIAS CURRENT (ADP1741)
ADJI-BIAS
1.6 V ≤ VIN ≤ 3.6 V
30
100
nA
SENSE INPUT BIAS CURRENT
SNSI-BIAS
1.6 V ≤ VIN ≤ 3.6 V
10
μA
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VOUT = 0.75 V
40
μV rms
10 Hz to 100 kHz, VOUT = 2.5V
80
μV rms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com