Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2603 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2603
Description  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2603 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2603 Datasheet HTML 6Page - Analog Devices SSM2603 Datasheet HTML 7Page - Analog Devices SSM2603 Datasheet HTML 8Page - Analog Devices SSM2603 Datasheet HTML 9Page - Analog Devices SSM2603 Datasheet HTML 10Page - Analog Devices SSM2603 Datasheet HTML 11Page - Analog Devices SSM2603 Datasheet HTML 12Page - Analog Devices SSM2603 Datasheet HTML 13Page - Analog Devices SSM2603 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
SSM2603
Rev. 0 | Page 10 of 32
DIGITAL DE-EMPHASIS
FREQUENCY (kHz)
04
8
12
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
16
Figure 11. De-Emphasis Frequency Response, Audio Sampling Rate = 32 kHz
FREQUENCY (kHz)
04
12
81
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
6
Figure 12. De-Emphasis Error, Audio Sampling Rate = 32 kHz
FREQUENCY (kHz)
04
12
20
816
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
Figure 13. De-Emphasis Frequency Response, Audio Sampling Rate = 44.1 kHz
FREQUENCY (kHz)
0
4
12
20
816
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
Figure 14. De-Emphasis Error, Audio Sampling Rate = 44.1 kHz
FREQUENCY (kHz)
0
4
12
20
816
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
24
Figure 15. De-Emphasis Frequency Response, Audio Sampling Rate = 48 kHz
FREQUENCY (kHz)
0
4
12
20
816
24
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
Figure 16. De-Emphasis Error, Audio Sampling Rate = 48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com