Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABCP54-16-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABCP54-16-HF
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABCP54-16-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABCP54-16-HF Datasheet HTML 1Page - Comchip Technology ABCP54-16-HF Datasheet HTML 2Page - Comchip Technology ABCP54-16-HF Datasheet HTML 3Page - Comchip Technology ABCP54-16-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
Comchip Technology CO., LTD.
General Purpose Transistor
AQW-JTR74
Electrical Characteristics (Ta=25°C, unless otherwise specified)
Typical Rating and Characteristic Curves (ABCP54-16-HF)
Symbol
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Conditions
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IC = 100µA, IE = 0
IC = 10mA, IB = 0
IE = 10μA, IC = 0
VCB = 30V, IE = 0, TA = 25°C
45
5
100
Min.
Max.
V
V
V
nA
DC current gain
hFE
VCE = 2V, IC = 5mA
20
Collector-emitter saturation voltage
VCE(sat)
IC = 500mA, IB = 50mA
0.5
V
Base-emitter voltage
VBE(on)
IC = 0.5A, VCE = 2V
1
V
Transition frequency
fT
VCE = 10V, IC = 50mA, f = 20MHz
100
MHz
Parameter
45
Fig.1 - hFE ― IC
Collector-Emitter Saturation Voltage, VCE(sat) (V)
1
10
100
10000
0
10
100
1000
1000
Fig.2 - VCE(sat) ― IC
Collector Current, IC (mA)
0.2
100
1000
0.4
0.6
1
25
µA
VCB = 30V, IE = 0, TA = 150°C
100°C
25°C
-50°C
10
VCE= 2V
25°C
IC/IB= 10
250
VCE = 2V, IC = 150mA
100
hFE
REV:C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com