Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4936N Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4936N
Description  DUAL MULTIFUNCTION VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4936N Datasheet(HTML) 5 Page - STMicroelectronics

  L4936N Datasheet HTML 1Page - STMicroelectronics L4936N Datasheet HTML 2Page - STMicroelectronics L4936N Datasheet HTML 3Page - STMicroelectronics L4936N Datasheet HTML 4Page - STMicroelectronics L4936N Datasheet HTML 5Page - STMicroelectronics L4936N Datasheet HTML 6Page - STMicroelectronics L4936N Datasheet HTML 7Page - STMicroelectronics L4936N Datasheet HTML 8Page - STMicroelectronics L4936N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FUNCTIONAL DESCRIPTION
The L4936N/NHare based on the SGS-THOMSON
Microelectronics modular voltage regulator ap-
proach. Several out-standing features and auxiliary
functions are provided to meet the requirements of
supplyingthe microprocessorsystems usedin auto-
motive applications.
Furthermore the device is suitable also in other ap-
plications requiring two stabilized voltages.
The modular approach allows other features and
functions to be realized easily when required.
STANDBY REGULATOR
The standby regulator uses an Isolated Collector
Vertical PNP transistor as the regulating element.
This structure allows a very low dropout voltage at
currents up to 50mA. The dropout operation of the
standby regulator is maintained down to 2V input
supply voltage. The output voltage is regulated up
tothe transient inputsupplyvoltage of 40V.This fea-
ture avoids functional interruptions which could be
generated by overvoltage pulses.
The typical curve of the standby output voltage as a
functionof the input supply voltage is shown in fig. 1.
The current consumption of the device (quiescent
current) is less than 250
µA when output 2 is dis-
abled (standby mode). The dropout voltage is con-
trolled to reduce the quiescent current peak in the
undervoltage region and to improve the transient
response in this region.
The quiescent current is shownin fig. 2 as a function
of the supply input voltage 2.
OUTPUT 2 VOLTAGE
The output 2 regulator uses the same output struc-
ture as the standbyregulator, but rated for an output
current of 500mA.
The output 2 regulator works in tracking mode with
the standby output voltage as a reference voltage
when the output 2 programming pin ADJ is con-
nected to VO2. By connecting a resistor divider R1,
R2 to the pin ADJ as shown in fig. 3, the output volt-
age 2 can be programmed to the value :
VO2 =VO1 (1 + R1/R2)
The output 2 regulator can be switched off via the
Enable input.
Note : 1: VO2 connected to ADJ.VO2 can be set to higher values by inserting an external resistor divider.
2 : Foldback characteristic
ELECTRICAL CHARACTERISTICS (continued)
RESET
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VRt
Reset Low Threshold Voltage
VS = 14V
Vo1 -0.4
4.7
Vo1 -0.1
V
VRth
Reset Threshold Hysteresis
50
100
200
mV
tRD
Reset Pulse Delay
CT = 100nF; tR > 100
µs
55
100
180
mV
tRR
Reset Reaction Time
CT = 100nF
1
0
50
µs
VRL
Reset Output LOW Voltage
RRES = 10K
Ω to V01
VS = 1.5V
0.4
V
ILRES
Reset Output HIGH Leakage
VRES =5V
1
µA
VCTh
Delay Comparator Threshold
2.0
V
VCTh, hyst
Delay Comparator Threshold
Hysteresis
100
mV
SENSE
VSlth
Sense Threshold Voltage
1.16
1.23
1.35
V
VSlth, hyst
Sense Threshold Hysteresis
20
100
200
mV
VSOL
Sense Output LOW Voltage
VSI = 0.8V; VS
≥ 3V
RSO = 10K
Ω to V01
0.4
V
ILSO
Sense Output Leakage
VSO = 5V; VSI
≥ 1.5V
1
µA
L4936N/NH
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com