Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31DF1 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 31DF1
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

31DF1 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  31DF1 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 31DF1 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Low leakage
Low forward voltage drop
MECHANICAL DATA
Case:JEDEC DO--27,molded plastic
MIL-STD202,method 208
Polarity: Color band denotes cathode
Weight: 0.041ounces,1.15 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,50Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
10ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ I
F=1.6A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Measured at 1.0MH
Z and applied rev erse v oltage of 4.0V DC.
IF(AV)
3. Thermal resistance f rom junction to ambient.
A
IFSM
IR
A
A
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
70
200
140
0.98
1.6
125.0
100
200
Easily cleaned with alcohol,Isopropanol and
similar solvents
Terminals: Axial lead ,solderable per
DO - 27
100
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
31DF1
31DF2
31DF1(Z) --- 31DF2(Z)
High current capability
SUPER FAST RECTIFIERS
VOLTAGE RANGE: 100 --- 200 V
CURRENT: 1.6 A
GALAXY ELECTRICAL
- 55 ----- + 150
- 55 ----- + 150
5.0
50.0
30
90
34
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0264016
1.


Similar Part No. - 31DF1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
31DF1 LUGUANG-31DF1 Datasheet
167Kb / 2P
Super Fast Rectifiers
logo
New Jersey Semi-Conduct...
31DF1 NJSEMI-31DF1 Datasheet
61Kb / 1P
Ultra-Fast Recovery
31DF1 NJSEMI-31DF1 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
logo
SUNMATE electronic Co.,...
31DF1 SUNMATE-31DF1 Datasheet
117Kb / 2P
3.0A Axial Leaded Super Fast Rectifiers
logo
Diode Semiconductor Kor...
31DF1 DSK-31DF1 Datasheet
270Kb / 2P
SUPER FAST RECTIFIERS
More results

Similar Description - 31DF1

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11S TSC-SF11S_14 Datasheet
377Kb / 4P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com