Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE6219P33M Datasheet(PDF) 2 Page - NANJING CHIPOWER ELECTRONICS INC.

Part # CE6219P33M
Description  Low Dropout Voltage 300mA CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.

CE6219P33M Datasheet(HTML) 2 Page - NANJING CHIPOWER ELECTRONICS INC.

  CE6219P33M Datasheet HTML 1Page - NANJING CHIPOWER ELECTRONICS INC. CE6219P33M Datasheet HTML 2Page - NANJING CHIPOWER ELECTRONICS INC. CE6219P33M Datasheet HTML 3Page - NANJING CHIPOWER ELECTRONICS INC. CE6219P33M Datasheet HTML 4Page - NANJING CHIPOWER ELECTRONICS INC. CE6219P33M Datasheet HTML 5Page - NANJING CHIPOWER ELECTRONICS INC. CE6219P33M Datasheet HTML 6Page - NANJING CHIPOWER ELECTRONICS INC. CE6219P33M Datasheet HTML 7Page - NANJING CHIPOWER ELECTRONICS INC. CE6219P33M Datasheet HTML 8Page - NANJING CHIPOWER ELECTRONICS INC. CE6219P33M Datasheet HTML 9Page - NANJING CHIPOWER ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
V1.3
2 (10)
Low Dropout Voltage 300mA CMOS LDO Regulator
CE6219 Series
PIN CONFIGURATION (Pin output sequence can be ordered by customer)
PIN NUMBER
PIN NAME
FUNCTION
SOT-23-3
SOT-89-3
TO-92
M
MC
P
PT
PW
T
1
3
1
2
1
1
VSS
Ground
2
2
3
1
2
3
VOUT
Output
3
1
2
3
3
2
VIN
Power input
SOT-23-5
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~VSS+8
V
Output Current
IOUT
600
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
Power
Dissipation
SOT-23-3
Pd
250
mW
SOT-23-5
Pd
250
mW
SOT-89-3
Pd
500
mW
TO-92
Pd
500
mW
Operating Temperature
Topr
-40~+85
℃
Storage Temperature
Tstg
-40~+125
℃
Soldering Temperature & Time
Tsolder
260℃, 10s
PIN NUMBER
SYMBOL
FUNCTION
1
VIN
Power Input Pin
2
VSS
Ground
3
NC
No Connection
4
NC
No Connection
5
VOUT
Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com