Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4940 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4940
Description  VERY LOW DROP 1.5 A REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4940 Datasheet(HTML) 4 Page - STMicroelectronics

  L4940 Datasheet HTML 1Page - STMicroelectronics L4940 Datasheet HTML 2Page - STMicroelectronics L4940 Datasheet HTML 3Page - STMicroelectronics L4940 Datasheet HTML 4Page - STMicroelectronics L4940 Datasheet HTML 5Page - STMicroelectronics L4940 Datasheet HTML 6Page - STMicroelectronics L4940 Datasheet HTML 7Page - STMicroelectronics L4940 Datasheet HTML 8Page - STMicroelectronics L4940 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS FOR L4940V85 (refer to the test circuits, Tj =25
oC,
Vi = 10.5V, Ci = 0.1
µF, Co =22 µF unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io = 500 mA
8.3
8.5
8.7
V
Vo
Output Voltage
Io = 5 mA to 1500 mA
Vi = 10.2 to 16 V
8.15
8.5
8.85
V
Vi
Operating Input Voltage
Io = 5 mA
17
V
∆Vo
Line Regulation
Io = 5 mA
Vi = 9.5 to 17 V
4
9
mV
∆Vo
Load Regulation
Io = 5 to 1500 mA
Io = 500 to 1000 mA
12
8
30
16
mV
IQ
Quiescent Current
Io =5 mA
Io = 1.5 A Vi = 10.2 V
4
30
8
50
mA
∆IQ
Quiescent Current Change
Io =5 mA
Io = 1.5 A Vi = 10.2 to 16 V
2.5
15
mA
Vo
T
Output Voltage Drift
0.8
mV/
oC
SVR
Supply Voltage Rejection
Io = 1 A
f = 120 Hz
58
66
dB
Vd
Dropout Voltage
Io = 0.5 A
Io = 1.5 A
200
500
400
900
mV
Isc
Short Circuit Current
Vi =14 V
Vi = 10.2 V
2
2.2
2.7
2.9
A
ELECTRICAL CHARACTERISTICS FOR L4940V5 (refer to the test circuits, Tj =25
oC,
Vi = 7V, Ci = 0.1
µF, Co =22 µF unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io = 500 mA
4.9
5
5.1
V
Vo
Output Voltage
Io = 5 mA to 1500 mA
Vi = 6.5 to 16 V
4.855.2
V
Vi
Operating Input Voltage
Io = 5 mA
17
V
∆Vo
Line Regulation
Io = 5 mA
Vi = 6 to 17 V
4
10
mV
∆Vo
Load Regulation
Io = 5 to 1500 mA
Io = 500 to 1000 mA
8
5
25
15
mV
IQ
Quiescent Current
Io =5 mA
Io = 1.5 A Vi = 6.5 V
5
30
8
50
mA
∆IQ
Quiescent Current Change
Io =5 mA
Io = 1.5 A Vi = 6.5 to 16 V
3
15
mA
Vo
T
Output Voltage Drift
0.5
mV/
oC
SVR
Supply Voltage Rejection
Io = 1 A
f = 120 Hz
58
68
dB
Vd
Dropout Voltage
Io = 0.5 A
Io = 1.5 A
200
500
400
900
mV
Isc
Short Circuit Current
Vi =14 V
Vi = 6.5 V
2
2.2
2.7
2.9
A
L4940 series
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com