Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLB12F0000/AA Datasheet(PDF) 40 Page - Positronic.

Part # PLB12F0000/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA Datasheet(HTML) 40 Page - Positronic.

Back Button PLB12F0000/AA Datasheet HTML 36Page - Positronic. PLB12F0000/AA Datasheet HTML 37Page - Positronic. PLB12F0000/AA Datasheet HTML 38Page - Positronic. PLB12F0000/AA Datasheet HTML 39Page - Positronic. PLB12F0000/AA Datasheet HTML 40Page - Positronic. PLB12F0000/AA Datasheet HTML 41Page - Positronic. PLB12F0000/AA Datasheet HTML 42Page - Positronic. PLB12F0000/AA Datasheet HTML 43Page - Positronic. PLB12F0000/AA Datasheet HTML 44Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
34
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
0.606 [15.39]
0.606 [15.39]
1.324±0.020
[33.63±0.51]
1.184±0.020
[30.07±0.51]
0.870±0.020
[22.10±0.51]
0.870±0.020
[22.10±0.51]
0.920±0.020
[23.37±0.51]
1.324±0.020
[33.63±0.51]
0.606 [15.39]
0.606 [15.39]
1.074±0.020
[27.28±0.51]
0.920±0.020
[23.37±0.51]
1
2
3
CABLE CONNECTOR FOR USE WITH SIZE 12 REMOVABLE CONTACTS
CODE 0
CONTACTS ARE NOT SUPPLIED WITH CONNECTOR AND MUST BE ORDERED SEPARATELY
CONNECTOR VARIANT
FACE VIEW OF MALE CONNECTOR
PLB3W3
Part Number: PLB3W3M0000
Part Number: PLB3W3F0000
Part Number: PLB3W3M1000
Part Number: PLB3W3F1000
FEMALE
MALE
MALE
FEMALE
PANEL MOUNT CONNECTOR FOR USE WITH SIZE 12 REMOVABLE CONTACTS
CODE 1
CONTACTS ARE NOT SUPPLIED WITH CONNECTOR AND MUST BE ORDERED SEPARATELY
CABLE AND
PANEL MOUNT CONNECTOR
For information regarding size 12 removable contacts, see Removable Contact section, pages 47-53.
NOTE: MOUNTING SCREWS
CAN BE SUPPLIED WITH
CONNECTORS USING
STEP 5 IN ORDERING
INFORMATION ON PAGE
38. MOUNTING SCREWS
CAN ALSO BE ORDERED
SEPARATELY BY PART
NUMBER. SEE PAGE 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com