Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7566ASTZF16-RL Datasheet(PDF) 28 Page - Analog Devices

Part # ADE7566ASTZF16-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16-RL Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE7566ASTZF16-RL Datasheet HTML 24Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 25Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 26Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 27Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 28Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 29Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 30Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 31Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 28 of 144
The battery switchover functionality provided by the
ADE7566/ADE7569/ADE7166/ADE7169 allows a seamless
transition from VDD to VBAT. An automatic battery switchover
option ensures a stable power supply to the ADE7566/
ADE7569/ADE7166/ADE7169, as long as the external battery
voltage is above 2.75 V. It allows continuous code execution
even while the internal power supply is switching from VDD to
VBAT and back. Note that the energy metering ADCs are not
available when VBAT is being used for VSWOUT.
POWER SUPPLY ARCHITECTURE
Each ADE7566/ADE7569/ADE7166/ADE7169 has two power
supply inputs, VDD and VBAT, and require only a single 3.3 V
power supply at VDD for full operation. A battery backup, or
secondary power supply, with a maximum of 3.7 V can be
connected to the VBAT input. Internally, the ADE7566/ADE7569/
ADE7166/ADE7169 connect VDD or VBAT to VSWOUT, which is used
to derive power for the ADE7566/ADE7569/ ADE7166/ADE7169
circuitry. The VSWOUT output pin reflects the voltage at the
internal power supply (VSWOUT) and has a maximum output
current of 6 mA. This pin can also be used to power a limited
number of peripheral components. The 2.5 V analog supply (VINTA)
and the 2.5 V supply for the core logic (VINTD) are derived by on-
chip linear regulators from VSWOUT.
Power supply monitor (PSM) interrupts can be enabled to
indicate when battery switchover occurs and when the VDD
power supply is restored (see the Power Supply Monitor
Interrupt (PSM) section.)
Figure 31 shows the power
supply architecture of ADE7566/ADE7569/ADE7166/ADE7169.
VDD to VBAT
The following three events switch the internal power supply
(VSWOUT) from VDD to VBAT:
The ADE7566/ADE7569/ADE7166/ADE7169 provide
automatic battery switchover between VDD and VBAT based on
the voltage level detected at VDD or VDCIN. Additionally, the
BCTRL input can be used to trigger a battery switchover. The
conditions for switching VSWOUT from VDD to VBAT and back to
VDD are described in the
•
VDCIN < 1.2 V. When VDCIN falls below 1.2 V, VSWOUT switches
from VDD to VBAT. This event is enabled when the
BATPRG[1:0] bits in the Battery Switchover Configuration
SFR (BATPR, 0xF5) = 0b01. Setting these bits disables
switchover based on VDCIN. Battery switchover on low VDCIN is
disabled by default.
Battery Switchover section. VDCIN is an
input pin that can be connected to a 0 V to 3.3 V dc signal. This
input is intended for power supply supervisory purposes and
does not provide power to the ADE7566/ADE7569/ADE7166/
ADE7169 circuitry (see the
•
VDD < 2.75 V. When VDD falls below 2.75 V, VSWOUT switches
from VDD to VBAT. This event is enabled when BATPRG[1:0] in
the BATPR SRF are cleared.
Battery Switchover section).
POWER SUPPLY
MANAGEMENT
LDO
VINTD
LDO
VINTA
ADC
VSW
ADC
SCRATCHPAD
LCD
RTC
TEMPERATURE ADC
3.3V
MCU
ADE
SPI/I2C
UART
2.5V
VDCIN VDD VBAT
VSWOUT
BCTRL
•
Falling edge on BCTRL. When the battery control pin,
BCTRL, goes low, VSWOUT switches from VDD to VBAT. This
external switchover signal can trigger a switchover to VBAT
at any time. Setting bits INT1PRG[4:2] to 0bx01 in the
Interrupt Pins Configuration SFR (INTPR, 0xFF) enables
the battery control pin (see Table 16).
Switching from VBAT to VDD
To switch VSWOUT from VBAT to VDD, all of the following events
that are enabled to force battery switchover must be false:
•
VDCIN < 1.2 V and VDD < 2.75 V enabled. If the low VDCIN
condition is enabled, VSWOUT switches to VDD after VDCIN
remains above 1.2 V and VDD remains above 2.75 V.
Figure 31. Power Supply Architecture
BATTERY SWITCHOVER
The ADE7566/ADE7569/ADE7166/ADE7169 monitor VDD, VBAT,
and VDCIN. Automatic battery switchover from VDD to VBAT can be
configured based on the status of VDD, VDCIN, or the BCTRL pin.
Battery switchover is enabled by default. Setting Bit 1 in the
Battery Switchover Configuration SFR (BATPR, 0xF5) disables
battery switchover so that VDD is always connected to VSWOUT
(see
•
VDD < 2.75 V enabled. VSWOUT switches back to VDD after
VDD remains above 2.75 V.
•
BCTRL enabled. VSWOUT switches back to VDD after BCTRL
is high, and the first or second bullet point is satisfied.
Table 18). The source of VSWOUT is indicated by Bit 6 in the
Peripheral Configuration SFR (PERIPH, 0xF4), which is
described in Table 19. Bit 6 is set when VSWOUT is connected to
VDD and cleared when VSWOUT is connected to VBAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com