Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7569ACPZF16 Datasheet(PDF) 60 Page - Analog Devices

Part # ADE7569ACPZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ACPZF16 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADE7569ACPZF16 Datasheet HTML 56Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 57Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 58Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 59Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 60Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 61Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 62Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 63Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 60 of 144
ACTIVE ENERGY CALCULATION
As stated in the Active Power Calculation section, power is
defined as the rate of energy flow. This relationship can be
expressed mathematically in Equation 13.
dt
dE
P
=
(13)
where:
P
is power.
E
is energy.
Conversely, energy is given as the integral of power.
∫
=
dt
t
P
E
)
(
(14)
The ADE7566/ADE7569/ADE7166/ADE7169 achieve the
integration of the active power signal by continuously accumu-
lating the active power signal in an internal, nonreadable, 49-bit
energy register. The register (WATTHR[23:0]) represents the
upper 24 bits of this internal register. This discrete time
accumulation or summation is equivalent to integration in
continuous time. Equation 15 expresses the relationship.
⎭
⎬
⎫
⎩
⎨
⎧
×
=
=
∑
∫
∞
=
→
1
0
)
(
lim
)
(
n
t
T
nT
p
dt
t
p
E
(15)
where:
n
is the discrete time sample number.
T
is the sample period.
The discrete time sample period (T) for the accumulation
register in the ADE7566/ADE7569/ADE7166/ADE7169 is 1.22 μs
(5/MCLK). In addition to calculating the energy, this
integration removes any sinusoidal components that may be in
the active power signal.
shows this discrete time
integration or accumulation. The active power signal in the
waveform register is continuously added to the internal active
energy register.
The active energy accumulation depends on the setting of the
POAM and ABSAM bits in the ACCMODE register (0x0F).
When both bits are cleared, the addition is signed and, therefore,
negative energy is subtracted from the active energy contents.
When both bits are set, the ADE7566/ADE7569/ADE7166/
ADE7169 are set to be in the more restrictive mode, the positive-
only accumulation mode.
When POAM in the ACCMODE register (0x0F) is set, only
positive power contributes to the active energy accumulation.
When ABSAM in the ACCMODE register (0x0F) is set, the
absolute active power is used for the active energy accumulation
(see the Watt Absolute Accumulation Mode section).
The output of the multiplier is divided by the value in the
WDIV register. If the value in the WDIV register is equal to 0,
the internal active energy register is divided by 1. WDIV is an
8-bit unsigned register. After dividing by WDIV, the active
energy is accumulated in a 49-bit internal energy accumulation
register. The upper 24 bits of this register are accessible through
a read to the active energy register (WATTHR[23:0]). A read to
the RWATTHR register returns the content of the WATTHR
register, and the upper 24 bits of the internal register are cleared.
As shown in Figure 65, the active power signal is accumulated
in an internal 49-bit signed register. The active power signal can
be read from the waveform register by setting the WAVMODE
register (0x0D) and setting the WFSM bit in the Interrupt Enable 3
SFR (MIRQENH, 0xDB). Like the current and voltage channels
waveform sampling modes, the waveform data is available at
sample rates of 25.6 kSPS, 12.8 kSPS, 6.4 kSPS, or 3.2 kSPS.
Figure 65
WGAIN[11:0]
WDIV[7:0]
LPF2
CURRENT
CHANNEL
VOLTAGE
CHANNEL
TIME (nT)
5
CLKIN
T
ACTIVE POWER
SIGNAL
+
+
WATTHR[23:0]
OUTPUTS FROM THE LPF2 ARE
ACCUMULATED (INTEGRATED) IN
THE INTERNAL ACTIVE ENERGY REGISTER
UPPER 24 BITS ARE
ACCESSIBLE THROUGH
WATTHR[23:0] REGISTER
23
0
48
0
%
WATTOS[15:0]
26
sgn
25
2–6 2–7 2–8
+
+
FOR WAVEFORM
SAMPLING
TO
DIGITAL-TO-FREQUENCY
CONVERTER
WAVEFORM
REGISTER
VALUES
Figure 65. Active Energy Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com