Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7569ACPZF16 Datasheet(PDF) 127 Page - Analog Devices

Part # ADE7569ACPZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ACPZF16 Datasheet(HTML) 127 Page - Analog Devices

Back Button ADE7569ACPZF16 Datasheet HTML 123Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 124Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 125Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 126Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 127Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 128Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 129Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 130Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 131Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 127 of 144
Rx
RI
FE
EXTEN = 1
D7
D6
D5
D4
D3
D2
D1
D0
STOP
START
SBAUDF is the fractional divider ratio required to achieve the
required baud rate. The appropriate value for SBAUDF can be
calculated with the following formula:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
×
×
×
=
+
1
2
16
64
Rate
Baud
f
SBAUDF
SBTH
DIV
CORE
Figure 106. UART Timing in Mode 1
Note that SBAUDF should be rounded to the nearest integer.
After the values for DIV and SBAUDF are calculated, the actual
baud rate can be calculated with the following formula:
Rx
RI
FE
EXTEN = 1
D7
D6
D5
D4
D3
D2
D1
D0
D8
STOP
START
⎟
⎠
⎞
⎜
⎝
⎛ +
×
×
=
+
64
1
2
16
SBAUDF
f
Rate
Baud
Actual
SBTH
DIV
CORE
Figure 107. UART Timing in Mode 2 and Mode 3
For example, to obtain a baud rate of 9600 bps while operating
at a core clock frequency of 4.096 MHz with the PLL CD bits
equal to 0,
The 8052 standard UART does not provide break error detection.
However, for an 8-bit UART, a break error can be detected when
the received character is 0, a null character, and when there is
no stop bit because the RB8 bit is low. Break error detection is
not possible for a 9-bit 8052 UART because the stop bit is not
recorded. The ADE7566/ADE7569/ADE7166/ADE7169
enhanced break error detection is available through the BE bit
in the SBAUDT SFR.
()
4
74
.
4
2
log
9600
16
4,096,000
log
=
=
⎟
⎠
⎞
⎜
⎝
⎛
×
=
+ SBTH
DIV
Note that the DIV result is rounded down.
0x2B
67
.
42
1
9600
2
16
000
,
096
,
4
64
3
=
=
⎟
⎠
⎞
⎜
⎝
⎛
−
×
×
×
=
SBAUDF
The 8052 standard UART prevents overwrite errors by not
allowing a character to be received when the RI, receive interrupt
flag, is set. However, it does not indicate if a character has been
lost because the RI bit is set when the frame is received. The
enhanced UART overwrite error detection provides this infor-
mation. When the enhanced 8052 UART is enabled, a frame is
received regardless of the state of the RI flag. If RI = 1 when a
new byte is received, the byte in SCON is overwritten, and the
overwrite error flag is set. The overwrite error flag is cleared
when SBUF is read.
Thus, the actual baud rate is 9570 bps, resulting in a 0.31% error.
UART ADDITIONAL FEATURES
Enhanced Error Checking
The extended UART provides frame error, break error, and
overwrite error detection. Framing errors occur when a stop bit
is not present at the end of the frame. A missing stop bit implies
that the data in the frame may not have been received properly.
Break error detection indicates whether the Rx line has been
low for longer than a 9-bit frame. It indicates that the data just
received, a 0 or null character, is not valid because the master has
disconnected. Overwrite error detection indicates when the
received data has not been read fast enough and, as a result, a
byte of data has been lost.
The extended UART is enabled by setting the EXTEN bit in the
Configuration SFR (CFG, 0xAF).
UART TxD Signal Modulation
There is an internal 38 kHz signal that can be OR’ed with the
UART transmit signal for use in remote control applications
(see the 38 kHz Modulation section).
The 8052 standard UART offers frame-error checking for an 8-bit
UART through the SM2 and RB8 bits. Setting the SM2 bit prevents
frames without a stop bit from being received. The stop bit is
latched into the RB8 bit in the Serial Communications Control
Register Bit Description SFR (SCON, 0x98). This bit can be
examined to determine if a valid frame was received. The 8052
does not, however, provide frame error checking for a 9-bit
UART. This enhanced error checking functionality is available
through the frame error bit, FE, in the Enhanced Serial Baud
Rate Control SFR (SBAUDT, 0x9E). The FE bit is set on framing
errors for both 8-bit and 9-bit UARTs.
One of the events that can wake the MCU from sleep mode is
activity on the Rx pin (see the 3.3 V Peripherals and Wake-Up
Events section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com