Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7569ASTZF16-RL Datasheet(PDF) 62 Page - Analog Devices

Part # ADE7569ASTZF16-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16-RL Datasheet(HTML) 62 Page - Analog Devices

Back Button ADE7569ASTZF16-RL Datasheet HTML 58Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 59Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 60Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 61Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 62Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 63Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 64Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 65Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 62 of 144
POS
POS
INTERRUPT STATUS REGISTERS
NEG
APSIGN FLAG
NO-LOAD
THRESHOLD
ACTIVE POWER
NO-LOAD
THRESHOLD
ACTIVE ENERGY
APNOLOAD
APNOLOAD
Line Cycle Active Energy Accumulation Mode
In line cycle active energy accumulation mode, the energy accumu-
lation of the ADE7566/ADE7569/ADE7166/ADE7169 can be
synchronized to the voltage channel zero crossing so that active
energy can be accumulated over an integral number of half-line
cycles. The advantage of summing the active energy over an
integer number of line cycles is that the sinusoidal component in
the active energy is reduced to 0. This eliminates any ripple in the
energy calculation. Energy is calculated more accurately and
more quickly because the integration period can be shortened.
By using this mode, the energy calibration can be greatly
simplified, and the time required to calibrate the meter can be
significantly reduced.
In the line cycle active energy accumulation mode, the
ADE7566/ADE7569/ADE7166/ADE7169 accumulate the active
power signal in the LWATTHR register for an integral number of
line cycles, as shown in Figure 69. The number of half-line cycles is
specified in the LINCYC register.
Figure 68. Energy Accumulation in Absolute Accumulation Mode
The ADE7566/ADE7569/ADE7166/ADE7169 can accumulate
active power for up to 65,535 half-line cycles. Because the active
power is integrated on an integral number of line cycles, the
CYCEND flag in the Interrupt Status 3 SFR (MIRQSTH, 0xDE) is
set at the end of an active energy accumulation line cycle. If the
CYCEND enable bit in the Interrupt Enable 3 SFR (MIRQENH,
0xDB) is set, the 8052 core has a pending ADE interrupt. The
ADE interrupt stays active until the CYCEND status bit is
cleared (see the
Active Energy Pulse Output
All of the ADE7566/ADE7569/ADE7166/ADE7169 circuitry has a
pulse output whose frequency is proportional to active power
(see the Active Power Calculation section). This pulse
frequency output uses the calibrated signal from the WGAIN
register output, and its behavior is consistent with the setting of
the active energy accumulation mode in the ACCMODE
register (0x0F). The pulse output is active low and should be
preferably connected to an LED as shown in
Energy Measurement Interrupts section).
Another calibration cycle starts as soon as the CYCEND flag is
set. If the LWATTHR register is not read before a new CYCEND
flag is set, the LWATTHR register is overwritten by a new value.
Figure 79.
WDIV[7:0]
WATTOS[15:0]
WGAIN[11:0]
LPF1
+
+
LWATTHR[23:0]
ACTIVE ENERGY
IS ACCUMULATED IN
THE INTERNAL REGISTER,
AND THE LWATTHR
REGISTER IS UPDATED
AT THE END OF THE LINCYC
HALF-LINE CYCLES
OUTPUT
FROM
LPF2
FROM VOLTAGE
CHANNEL
ADC
23
0
LINCYC[15:0]
48
0
%
ZERO-CROSSING
DETECTION
CALIBRATION
CONTROL
TO
DIGITAL-TO-FREQUENCY
CONVERTER
Figure 69. Line Cycle Active Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com