Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H17P6F Datasheet(PDF) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H17P6F
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H17P6F Datasheet(HTML) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H17P6F Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H17P6F Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H17P6F Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H17P6F Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H17P6F Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.hxkj.hk
+86-769-22857832
huixin@hxkj.hk
Rev.01
Page 4 of 5
Fig9. Safe Operating Area
( )
Drain-Source Voltage,-V
V
D S
1
1E2
1E1
1E0
1E-1
0.1
10
100
T =25
°C
C
T
=150
°C
J m a x
0.1ms
1ms
10ms
DC
R
Limited
D S ( o n )
100ms
1s
Rectangular Pulse Duration (sec)
1E-4
1E-3
1E-2
1E-1
1E0
1E-5
1E-3
1E-2
1E-1
Fig.10 Normalized Transient Thermal Impedance
1E1
1E0
0.02
0.05
0.5
0.2
0.1
Single Pulse
0.01
Duty=t
/T
p
t2
t1
PDM
Notes:
1. Duty Factor D=t /t
1
2
2. Peak T =P
Z
T
J
D M
t h J C
C
×
+
Fig7. Avalanche Energy v.s. Junction Temperature
75
125
(
)
Junction Temperature-T
°C
J
150
100
50
25
50
20
30
40
0
10
I =-8A
D
Fig8. Typ. Drain-Source on State Resistance
20
40
( )
Drain Current,-I
A
D
50
30
10
0
200
80
120
160
0
40
T =25
°C
J
V =-10V
G S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com