Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS6B2ALCESG4L7 Datasheet(PDF) 1 Page - Multicomp Pro

Part # PAS6B2ALCESG4L7
Description  PA Series Sub-Miniature Pushbutton Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PAS6B2ALCESG4L7 Datasheet(HTML) 1 Page - Multicomp Pro

  PAS6B2ALCESG4L7 Datasheet HTML 1Page - Multicomp Pro PAS6B2ALCESG4L7 Datasheet HTML 2Page - Multicomp Pro PAS6B2ALCESG4L7 Datasheet HTML 3Page - Multicomp Pro PAS6B2ALCESG4L7 Datasheet HTML 4Page - Multicomp Pro PAS6B2ALCESG4L7 Datasheet HTML 5Page - Multicomp Pro PAS6B2ALCESG4L7 Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page <1>
V1.0
16/05/20
PA Series
Sub-Miniature Pushbutton Switches
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications
Max. Current/Voltage Rating
with Resistive Load
: 400mA 32V AC-100mA 50V DC-125mA 125V AC
500mA 48V AC - 200mA 50V DC - 200mA 250V AC for metal material
Initial Contact Resistance
: 50mΩ Max.
Insulation Resistance
: 1GΩ min. @ 500V DC
Dielectric Strength
: 1,000 VAC rms.
1,500 VAC rms. for metal material
Electrical Life at Full Load
: 500,000 cycles
Operating Temperature
: -30°C to 85°C
Panel Thickness
: B1 series : 0.8mm (0.031") min. ~ 1.8mm (0.071") max.
B2 series : 1.5mm (0.059") min. ~ 4mm (0.157") max.
B3 series : 3 ±0.25mm (0.118")
Total Travel
: 1.5mm(0.059")
Operating Force
: 2N ~ 5N
Contact Bounce
: 10ms
Mechanical Life
: 1,000,000 cycles
Torque
: 0.5Nm max. applied to nut,
1.5Nm max. for metal material
Soldering
: 350°C max. for 5 seconds
Lead Free
Materials
Case
: Diallyl phthalate (DAP) (UL94V-0)
Cap
: Polyamide 6/6
Bushing
: Polyamide 6/6
Switch Function
No.
Poles
Model
No.
Switch Function
Connected Terminals
Pos. 1
Pos. 2
Pos. 1
Pos. 2
Schematic
SP
PAS6
OFF
MOM
Open
1-3
SP
PAS7
ON
OFF(MOM)
1-3
Open
MOM = Momentary
Bushing Type
Dimensions : Inches (Millimetres)
For PAS6 & PAS7 Series


Similar Part No. - PAS6B2ALCESG4L7

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS614L-VL3 TAIYO-YUDEN-PAS614L-VL3 Datasheet
147Kb / 1P
Coin Type Polyacene Capacitors
logo
Pixart Imaging Inc.
PAS6167 PIXART-PAS6167 Datasheet
439Kb / 19P
CMOS QCIF DIGITAL IMAGE SENSOR
PAS6180 PIXART-PAS6180 Datasheet
782Kb / 17P
CMOS QVGA DIGITAL IMAGE SENSOR
PAS6311LT PIXART-PAS6311LT Datasheet
506Kb / 18P
CMOS VGA DIGITAL IMAGE SESNSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
More results

Similar Description - PAS6B2ALCESG4L7

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800B E-SWITCH-800B Datasheet
189Kb / 1P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
900 E-SWITCH-900 Datasheet
172Kb / 2P
SUB-MINIATURE SMT PUSHBUTTON SWITCHES
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
Sealed Sub-Miniature Pushbutton Switches
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
Sealed Sub-Miniature SMT Pushbutton Switches
logo
E-SWITCH
800 E-SWITCH-800 Datasheet
725Kb / 5P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
PUSHBUTTON SWITCHES - SUB-MINIATURE
TL2201 E-SWITCH-TL2201 Datasheet
376Kb / 3P
PUSHBUTTON SWITCHES - SUB MINIATURE
logo
Grayhill, Inc
38FSP8B5M1QT GRAYHILL-38FSP8B5M1QT Datasheet
418Kb / 4P
Sub-Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com