Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYS-4012AX-2 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-4012AX-2
Description  LED DIGIT DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-4012AX-2 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-4012AX-2 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-4012AX-2 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-4012AX-2 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-4012AX-2 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
LED DIGIT DISPLAY
PartNO.: FYS-4012AX/BX-XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
DESCRIPTION
10.16mm (0.4”) Single digit numeric display series.
 Standard brightness.
 Low current operation.
 Excellent character apperance.
 Easy mounting on P.C.boards or sockets
Package Dimensions &Internal Circuit Diagram
Notes:
·All dimensions are in millimeters (inches)
·Tolerance is ±0.25(0.01")unless otherwise noted.
·Specificaions are subject to change whitout notice.


Similar Part No. - FYS-4012AX-2

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-4012AX-2 FORYARD-FYS-4012AX-2 Datasheet
339Kb / 5P
LED DIGIT DISPLAY
FYS-4012AX-20 FORYARD-FYS-4012AX-20 Datasheet
385Kb / 5P
0.40 Inch (10.16mm) digit height Single Digit Display
FYS-4012AX-21 FORYARD-FYS-4012AX-21 Datasheet
385Kb / 5P
0.40 Inch (10.16mm) digit height Single Digit Display
FYS-4012AX-22 FORYARD-FYS-4012AX-22 Datasheet
385Kb / 5P
0.40 Inch (10.16mm) digit height Single Digit Display
FYS-4012AX-23 FORYARD-FYS-4012AX-23 Datasheet
385Kb / 5P
0.40 Inch (10.16mm) digit height Single Digit Display
More results

Similar Description - FYS-4012AX-2

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-40011KX FORYARD-FYS-40011KX Datasheet
330Kb / 4P
LED DIGIT DISPLAY
FYD-3021AX FORYARD-FYD-3021AX Datasheet
328Kb / 4P
LED DIGIT DISPLAY
FYD-3021EX FORYARD-FYD-3021EX Datasheet
326Kb / 4P
LED DIGIT DISPLAY
FYS-40011EX FORYARD-FYS-40011EX Datasheet
329Kb / 4P
LED DIGIT DISPLAY
FYD-3621AX FORYARD-FYD-3621AX Datasheet
335Kb / 4P
LED DIGIT DISPLAY
FYD-3622AX FORYARD-FYD-3622AX Datasheet
343Kb / 4P
LED DIGIT DISPLAY
FYS-18011G FORYARD-FYS-18011G Datasheet
341Kb / 4P
LED DIGIT DISPLAY
FYD-4021GX FORYARD-FYD-4021GX Datasheet
343Kb / 4P
LED DIGIT DISPLAY
FYS-18011E FORYARD-FYS-18011E Datasheet
341Kb / 4P
LED DIGIT DISPLAY
FYD-4322AX FORYARD-FYD-4322AX Datasheet
340Kb / 4P
LED DIGIT DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com