Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSA100AA60 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # GSA100AA60
Description  IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

GSA100AA60 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  GSA100AA60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited GSA100AA60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited GSA100AA60 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GSA100AA60
IGBT
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TJ = 25 °C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VCES
Collector-Emitter Breakdown Voltage VGE=0V, IC= 0.1mA
600
--
--
V
VGE(th)
Gate-Emitter Threshold Voltage
VCE= 10V, IC= 10mA
5.3
--
6.7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 100A, VGE= 15V
--
--
1.5
V
ICES
Zero Gate Voltage Collector Current
VCE= 600V, VGE=0V
--
--
100
uA
IGES
Gate-Emitter Leakage Current
VGE=±20V, VCE=0V
--
--
±
10
uA
PACKAGE OUTLINE (UNIT: MM):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com