Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO7004LAST5 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7004LAST5
Description  5.5V Low Loss Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7004LAST5 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7004LAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7004LAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7004LAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7004LAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7004LAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7004LAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7004LAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7004LAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7004LAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DIO7004
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO7004• Rev 1.1
DIO7004LAMP8
D704LA
350mA
Active Low
Yes
MSOP-8
Tape & Reel, 3000
DIO7004LBMP8
D704LB
700mA
Active Low
Yes
MSOP-8
Tape & Reel, 3000
DIO7004LCMP8
D704LC
1A
Active Low
Yes
MSOP-8
Tape & Reel, 3000
DIO7004LDMP8
D704LD
1.5A
Active Low
Yes
MSOP-8
Tape & Reel, 3000
DIO7004LEMP8
D704LE
2A
Active Low
Yes
MSOP-8
Tape & Reel, 3000
Ordering Information Complimentary Note
Ordering number = Part No. +Enable Active Version+ Continuous Current Version +Package Code
DIO7004
H: Enable Active High
ST5: Stands for SOT23-5
L: Enable Active Low
SO8: Stands for SOIC-8
XM8: Stands for EP-MSOP8
MP8: Stands for MSOP-8
A: 350mA Continuous Current Version
B: 700mA Continuous Current Version
C: 1A Continuous Current Version
D: 1.5A Continuous Current Version
E: 2A Continuous Current Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com