Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETA7014 Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA7014
Description  36V High Side Over-Voltage Protector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA7014 Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  ETA7014 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA7014 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA7014 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA7014 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA7014 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA7014 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA7014 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA7014 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ETA7014
www.etasolution.com
Empower, Transcend, Achieve!
ETA7014 Rev 2.1
2
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
1
2
3
6
5
4
FB
EN
OUT
GND
IN
VCC
ETA7014
SOT23-6
1
2
3
4
5
6
7
8
OUT
OUT
GND
EN
IN
IN
GND
FB
DFN2x2-8
ETA7014
GND
IN
(Note: Exceeding these limits may damage the device. Exposure to absolute
maximum rating conditions for long periods may affect device reliability.)
FB Voltage ……............................................–0.3V to 8V
IN,OUT,EN,VCC Voltage …........................–0.3V to 36V
Operating Temperature Range ………..…–40° C to 85° C
Storage Temperature Range ………...…–55° C to 150° C
Thermal Resistance
JC
JA
SOT23-6….………...……50…….….100…………...C/W
DFN2x2-8….………….…20…….….100…...……...C/W
Lead Temperature (Soldering, 10sec) .………….260°C
ESD HBM (Human Body Mode) ……………….…….2KV
ESD CDM (Charged Device Mode) …………....…….1KV
ELECTRICAL CHARACTERISTICS
(VIN = 5V, unless otherwise specified. Typical values are at TA = 25oC.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN Range
4
36
V
UVLO
Hys=400mV
3.35
V
OVP
Default OVP=6.1V when floating fb
5.8
6.1
6.4
V
OVP FB
VIN=5V
1.21
1.26
1.31
V
OVP Range
3.5
20
V
Ron
VCC=5V, IOUT=2A
15
35
50
Iout_Max
The Max IOUT
5
A
EN Logic Input High ON
1
V
EN Logic Input Low
OFF
0.4
V
Iq
Standby Current, IN and VCC < OVP voltage
80
150
240
uA
Isd
Shutdown Current
10
uA
Thermal Shutdown
Rising, Hys=50oC
135
o
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com