Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INVC191 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # INVC191
Description  BACKLIGHT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

INVC191 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  INVC191 Datasheet HTML 1Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INVC191
This Inverter is designed and adjusted for cold fluorescent lamp used in the LMG5320XUFC, LMG74xx,
LMG7380 STN liquid crystal display modules.
FEATURES
♦
Very small, very thin and low power consumption design
♦
Adaptable to a wide range of input voltages
♦
External On/Off switching of backlight
♦
Dimmable from 100 down to 50 percent with a variable resistor
♦
Low noise
GENERAL DATA
Item
Value
Unit
Module Dimensions
95 x 15
mm
Weight
11.0 max
g
Output Power
1.35 nominal
W
Efficiency
60 min
%
Mean Time Between Failure
(MTBF)
60.000 min
hrs
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Condition
Min
Max
Unit
Input Voltage
VMAX
-
-
18.0
V
Operating
Temperature
TOP
-5
50
¡C
Storage
Temperature
TST
-
-20
70
¡C
Humidity
-
-
-
90
% RH
ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min
Typ
Max
Unit
Input Voltage
VIN
-
7.0
12.0
17.0
V
Input Current
IIN
12V,
T=25¡C
0.13
0.18
0.23
A
Rush Current
IS
12V,
T=25¡C
-
-
1.0
A
Lamp Current
IL
12V,
T=25¡C
3.5
4.2
4.9
mA
Lamp Power
PL
12V,
T=25¡C
-
1.35
-
W
Frequency
fL
12V,
T=25¡C
50
65
80
kHz
Dimming
Range
-
12V,
T=25¡C
-
100-50
-
%
Startup
Characteristics
10¡C +/- 1¡C, DC 7.0V
INPUT AND OUTPUT CONNECTORS
Input Connector
Input Housing Connector
MOLEX 53261-0510
51021-0500
Output Connector
Output Housing Connector
MITSUMI M60-04-30-134P
M60-04
INPUT CONNECTOR PIN ASSIGNMENT
Pin No
Symbol
Comment
1
VCC
7 - 17V
2
GND
-
3
CFL ON/OFF
OFF at Open, ON at Low (V=0.8V,I=2mA)
4
BR1
Dimming through variable resistor 5kOhm
5
BR2
Brightness max at 0 kOhm, min at 2.5 kOhm
OUTPUT CONNECTOR PIN ASSIGNMENT
Pin No
Symbol
Comment
1
CFL HV
High voltage output
2NC
-
3NC
-
4
CFL HV
High voltage output
MECHANICAL DIMENSIONS
4
1
1
5
11
10
20
6.0+/-0.3
95+/-0.5
78+/-0.3
2-¯ 1.7+/-0.1
OUTPUT CONNECTOR
INPUT CONNECTOR


Similar Part No. - INVC191

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
INVC444 HITACHI-INVC444 Datasheet
97Kb / 1P
BACKLIGHT FOR LCD
INVC544 HITACHI-INVC544 Datasheet
17Kb / 2P
High efficiency through the use of piezo transformer
More results

Similar Description - INVC191

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L-00801G-S LIGITEK-L-00801G-S Datasheet
170Kb / 1P
BACKLIGHT
L-02401G-B LIGITEK-L-02401G-B Datasheet
272Kb / 1P
BACKLIGHT
L-04201G-B LIGITEK-L-04201G-B Datasheet
272Kb / 1P
BACKLIGHT
L-04202G-B LIGITEK-L-04202G-B Datasheet
275Kb / 1P
BACKLIGHT
L-05201SBKS-B LIGITEK-L-05201SBKS-B Datasheet
230Kb / 1P
BACKLIGHT
L-05601G-B LIGITEK-L-05601G-B Datasheet
279Kb / 1P
BACKLIGHT
L-05602X-B5 LIGITEK-L-05602X-B5 Datasheet
285Kb / 1P
BACKLIGHT
L-05603G-B LIGITEK-L-05603G-B Datasheet
236Kb / 1P
BACKLIGHT
L-09601G-B LIGITEK-L-09601G-B Datasheet
225Kb / 1P
BACKLIGHT
L-09601G-B5 LIGITEK-L-09601G-B5 Datasheet
230Kb / 1P
BACKLIGHT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com