Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2878 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2878
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2878 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2878_1 Datasheet HTML 3Page - RF Micro Devices RF2878_1 Datasheet HTML 4Page - RF Micro Devices RF2878_1 Datasheet HTML 5Page - RF Micro Devices RF2878_1 Datasheet HTML 6Page - RF Micro Devices RF2878_1 Datasheet HTML 7Page - RF Micro Devices RF2878_1 Datasheet HTML 8Page - RF Micro Devices RF2878_1 Datasheet HTML 9Page - RF Micro Devices RF2878_1 Datasheet HTML 10Page - RF Micro Devices RF2878_1 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 14
RF2878
Rev A0 DS060206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic:
Driver Amplifier ~836MHz Operation
1
2
3
5
4
C3
22 nF
J1
RF IN
C2
220 pF
C1
10 nF
R1
0
Ω
VPD
C4
2 pF
J2
RF OUT
L1
12 nH
C5
220 pF
C6
10 nF
VCC
50
Ω μstrip
50
Ω μstrip
2878400 r1
P1
1
2
3
P1-1
VPD
GND
P1-3
C7
4.7
μF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com