Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2850 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2850
Description  DIRECT QUADRATURE MODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2850 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2850 Datasheet HTML 1Page - RF Micro Devices RF2850 Datasheet HTML 2Page - RF Micro Devices RF2850 Datasheet HTML 3Page - RF Micro Devices RF2850 Datasheet HTML 4Page - RF Micro Devices RF2850 Datasheet HTML 5Page - RF Micro Devices RF2850 Datasheet HTML 6Page - RF Micro Devices RF2850 Datasheet HTML 7Page - RF Micro Devices RF2850 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RFOUT
GND
VCC
GND
LO
LOREF
RFREF
GND
5
13
12
11
10
14
7
8
6
9
15
16
1
2
3
4
-45°
+45°
Σ
RF2850
DIRECT QUADRATURE MODULATOR
The RF2850 is a direct quadrature modulator for use in base stations and
other communications systems. RF2850 supports PCS, GSM, EDGE,
CDMA2000, and UMTS standards. This device features a narrow-band
operation at 1700MHz to 2500MHz with excellent carrier and sideband
suppression and ultra low noise floor. The device is manufactured on an
advanced GaAs HBT process. The RF2850 operates from a single 5V sup-
ply and is packaged in a low cost 4mmx4mm 16-pin leadless package.
Features
Typical Carrier
Suppression>40dBc
Typical Sideband
Suppression>40dBc
Noise Floor better than -
158dBm/Hz
Single 5V Power Supply
Applications
UMTS Base Stations
CDMA Base Stations
GSM-EDGE/EGSM Base Sta-
tions
WLAN and WLL Systems
GMSK,QPSK,DQPSK,QAM
Modulation
RF2850Direct Quadrature Modulator
RF2850
Direct Quadrature Modulator
RF2850PCBA-41X
Fully Assembled Evaluation Board
Rev A0 DS050616
RoHS Compliant & Pb-Free Product
Package Style: QFN, 16-Pin, 4x4


Similar Part No. - RF2850

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
logo
Adam Technologies, Inc.
RF2850D0050 ADAM-TECH-RF2850D0050 Datasheet
154Kb / 1P
RF CONNECTORS
RF2850D0075 ADAM-TECH-RF2850D0075 Datasheet
154Kb / 1P
RF CONNECTORS
RF2850DAS50 ADAM-TECH-RF2850DAS50 Datasheet
154Kb / 1P
RF CONNECTORS
RF2850DAS75 ADAM-TECH-RF2850DAS75 Datasheet
154Kb / 1P
RF CONNECTORS
More results

Similar Description - RF2850

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
156Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_06 Datasheet
185Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_1 Datasheet
196Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
RFMD0014 RFMD-RFMD0014 Datasheet
2Mb / 10P
DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com