Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2SSTV855ZXCT Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # CY2SSTV855ZXCT
Description  Differential Clock Buffer/Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTV855ZXCT Datasheet(HTML) 1 Page - SpectraLinear Inc

  CY2SSTV855ZXCT Datasheet HTML 1Page - SpectraLinear Inc CY2SSTV855ZXCT Datasheet HTML 2Page - SpectraLinear Inc CY2SSTV855ZXCT Datasheet HTML 3Page - SpectraLinear Inc CY2SSTV855ZXCT Datasheet HTML 4Page - SpectraLinear Inc CY2SSTV855ZXCT Datasheet HTML 5Page - SpectraLinear Inc CY2SSTV855ZXCT Datasheet HTML 6Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Differential Clock Buffer/Driver
CY2SSTV855
Rev 1.0, November 21, 2006
Page 1 of 6
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Features
• Phase-locked loop (PLL) clock distribution for Double
Data Rate Synchronous DRAM applications
• 1:5 differential outputs
• External feedback pins (FBINT, FBINC) are used to
synchronize the outputs to the clock input
• SSCG: Spread Aware™ for electromagnetic
interference (EMI) reduction
• 28-pin TSSOP package
• Conforms to JEDEC DDR specifications
Functional Description
The CY2SSTV855 is a high-performance, very-low-skew,
very-low-jitter zero-delay buffer that distributes a differential
clock input pair (SSTL_2) to four differential (SSTL_2) pairs of
clock outputs and one differential pair of feedback clock
outputs. In support of low power requirements, when
power-down is HIGH, the outputs switch in phase and
frequency with the input clock. When power-down is LOW, all
outputs are disabled to a high-impedance state and the PLL is
shut down.
The device supports a low-frequency power-down mode.
When the input is < 20 MHz, the PLL is disabled and the
outputs are put in the Hi-Z state. When the input frequency is
> 20 MHz, the PLL and outputs are enabled.
When AVDD is tied to ground, the PLL is turned off and
bypassed with the input reference clock gated to the outputs.
The Cypress CY2SSTV855 is Spread Aware and supports
tracking of Spread Spectrum clock inputs to reduce EMI
Block Diagram
Pin Configuration
28-pin TSSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
YT3
VDDQ
FBOUTT
YT2
YC2
GND
VDDQ
FBOUTC
YC3
VDDQ
PWRDWN
FBINT
FBINC
GND
YT0
VDDQ
AGND
YT1
YC1
GND
VDDQ
AVDD
YC0
VDDQ
GND
CLKINT
CLKINC
FBOUTT
FBOUTC
YT0
YC0
YC3
YT3
PLL
PWRDWN
YC2
YT2
YT1
YC1
Powerdown
and test
logic
AVDD
CLKINT
CLKINC
FBINT
FBINC


Similar Part No. - CY2SSTV855ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV855ZXCT CYPRESS-CY2SSTV855ZXCT Datasheet
133Kb / 7P
Differential Clock Buffer/Driver
More results

Similar Description - CY2SSTV855ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
Differential Clock Buffer/Driver
CY28358 CYPRESS-CY28358 Datasheet
76Kb / 11P
200-MHz Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV8575 SPECTRALINEAR-CY2SSTV8575 Datasheet
134Kb / 7P
Differential Clock Buffer/Driver
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
Differential Clock Buffer/Driver
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
200-MHz Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855_06 Datasheet
133Kb / 7P
Differential Clock Buffer/Driver
CY2SSTV8575 CYPRESS-CY2SSTV8575 Datasheet
122Kb / 8P
Differential Clock Buffer/Driver
CY2SSTV850 CYPRESS-CY2SSTV850 Datasheet
115Kb / 11P
Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY2SSTV855 SILABS-CY2SSTV855 Datasheet
78Kb / 6P
Differential Clock Buffer/Driver
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com