Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2514 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2514
Description  VHF/UHF TRANSMITTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2514 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2514 Datasheet HTML 8Page - RF Micro Devices RF2514 Datasheet HTML 9Page - RF Micro Devices RF2514 Datasheet HTML 10Page - RF Micro Devices RF2514 Datasheet HTML 11Page - RF Micro Devices RF2514 Datasheet HTML 12Page - RF Micro Devices RF2514 Datasheet HTML 13Page - RF Micro Devices RF2514 Datasheet HTML 14Page - RF Micro Devices RF2514 Datasheet HTML 15Page - RF Micro Devices RF2514 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12 of 18
RF2514
Rev A5 DS040115
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin 5 (MOD IN) is the data input to the modulator and must have a series resistor (RMOD_IN) between it and the raw data
source. The value of RMOD_IN and the voltage at its input determine the output power level, with maximum power obtained for
RMOD_IN=3kΩ, the minimum allowable resistance. A three-element filter structure (series R, shunt C, series R) has been found
to be effective in reducing the out-of-band spectral content by filtering the higher frequency components of the baseband data.
For this filter, RMOD_IN is the sum of the two series resistors. The filter values will vary according to the particular data rate of a
given application and are best determined experimentally. When the input to RMOD_IN is a high logic level, the carrier is trans-
mitted; when the input is a low logic level, the carrier is not transmitted. For use as a local oscillator (LO) source, simply tie the
MOD IN pin to the supply voltage through a suitable series resistor.
Pin 13 (LD FLT) is used to set the threshold of the lock detect circuit. A shunt capacitor is used to set an RC time constant with
an on-chip series 1k
Ω resistor. The time constant should be approximately 10 times the reference period.
General RF bypassing techniques must be observed to get the best performance. Choose capacitors such that they are series
resonant near the frequency of operation.
Board layout is always an area in which great care must be taken. The board material and thickness are used in calculating the
RF line widths. The use of vias allows IC and component ground pins to be connected closely to the ground plane, minimizing
ground inductance. When laying out the traces around the VCO, it is desirable to keep the parasitics equal between the two
legs. This will allow equal valued inductors to be used.
It is recommended that pre-compliance testing be performed during the design process to avoid surprises during final compli-
ance testing, helping to keep the product development and release on schedule. Pre-compliance testing can be done with a
GTEM cell, an open area test site, or at a compliance testing laboratory.
After the design has been completed and passes compliance testing, then application will need to be made to obtain final cer-
tifications with the respective regulatory bodies for the geographic region in which the product will be operated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com