Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD1084ADT Datasheet(PDF) 7 Page - STMicroelectronics

Part # KD1084ADT
Description  5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084ADT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button KD1084ADT Datasheet HTML 3Page - STMicroelectronics KD1084ADT Datasheet HTML 4Page - STMicroelectronics KD1084ADT Datasheet HTML 5Page - STMicroelectronics KD1084ADT Datasheet HTML 6Page - STMicroelectronics KD1084ADT Datasheet HTML 7Page - STMicroelectronics KD1084ADT Datasheet HTML 8Page - STMicroelectronics KD1084ADT Datasheet HTML 9Page - STMicroelectronics KD1084ADT Datasheet HTML 10Page - STMicroelectronics KD1084ADT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
KD1084 SERIES
7/18
ELECTRICAL CHARACTERISTICS OF KD1084A#5 (VI=8V, CI = CO =10µF (Tant.), TA = -40 to 125°C,
unless otherwise specified.)
ELECTRICAL CHARACTERISTICS OF KD1084A (VI=4.25V, CI = CO =10µF (Tant.), TA = -40 to 125°C,
unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 0 mA
TJ = 25°C
4.95
5
5.05
V
IO = 0 to 5A VI = 6.6 to 10V
4.9
5
5.1
V
∆V
O
Line Regulation
IO = 0 mA
VI = 6.6 to 10V TJ = 25°C
0.5
10
mV
IO = 0 mA
VI = 6.6 to 10V
1
10
mV
∆V
O
Load Regulation
IO = 0 to 5A TJ = 25°C
5
20
mV
IO = 0 to 5A
10
35
V
Vd
Dropout Voltage
IO =5 A
1.3
1.5
V
Iq
Quiescent Current
VI ≤ 10V
5
10
mA
Isc
Short Circuit Current
VI - VO = 5V
5.5
7
A
Termal Regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO = 25 µF, IO = 5A
VI = 8.5 ± 1.5V
60
72
dB
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 10mA
TJ = 25°C
1.237
1.25
1.263
V
IO = 10mA to 5A
VI = 2.85 to 10V
1.225
1.25
1.275
V
∆V
O
Line Regulation
IO = 10mA
VI = 2.85 to 10V TJ = 25°C
0.015
0.2
%
IO = 10mA
VI = 2.85 to 10V
0.035
0.2
%
∆V
O
Load Regulation
IO = 10mA to 5A
TJ = 25°C
0.1
0.3
%
IO = 10mA to 5A
0.2
0.4
%
Vd
Dropout Voltage
IO = 5A
1.3
1.5
V
IO(min)
Minimum Load Current
VI = 10V
3
10
mA
Isc
Short Circuit Current
VI - VO = 5V
5.5
7
A
Termal Regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO = 25 µF, CADJ = 25 µF,
IO = 5A
VI = 4.75 ± 1.5V
60
72
dB
IADJ
Adjust Pin Current
VI = 4.25V
IO = 10 mA
55
120
µA
∆I
ADJ
Adjust Pin Current Change
IO = 10mA to 5A
VI = 2.85 to 10V
0.2
5
µA
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com