Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7765 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7765
Description  High Voltage Green-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7765 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7765 Datasheet HTML 6Page - Leadtrend Technology LD7765 Datasheet HTML 7Page - Leadtrend Technology LD7765 Datasheet HTML 8Page - Leadtrend Technology LD7765 Datasheet HTML 9Page - Leadtrend Technology LD7765 Datasheet HTML 10Page - Leadtrend Technology LD7765 Datasheet HTML 11Page - Leadtrend Technology LD7765 Datasheet HTML 12Page - Leadtrend Technology LD7765 Datasheet HTML 13Page - Leadtrend Technology LD7765 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LD7765
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7765-DS-00
October 2012
Application Information
Operation Overview
As long as the green power requirement becomes a trend
and the power saving is getting more and more important
for the switching power supplies and switching adaptors,
the traditional PWM controllers are not able to support
such new requirements. Furthermore, the cost and size
limitation force the PWM controllers need to be powerful
to integrate more functions to reduce the external part
counts. The LD7765 is ideal for these applications to
provide an easy and cost effective solution; its detailed
features are described as below.
Internal High-Voltage Startup Circuit and
Under Voltage Lockout (UVLO)
The traditional circuit provides the startup current through
a startup resistor to power up the PWM controller.
However, it consumes much significant power to meet the
current power saving requirement. In most cases, startup
resistors carry larger resistance and spend more time to
start up.
As shown in Fig 9, LD7765 is implemented with a
high-voltage startup circuit with it to minimize power loss
on
startup
circuit.
During the startup
transient, a
high-voltage current source sinks current from AC Line or
Neutral to provide the startup current and charge the Vcc
capacitor C1 the same time.
See in Fig 10. Once VCC voltage rises up to reach the
UVLO(on) threshold, HV pin will stop charging the VCC
capacitor and BNO will detect the AC line status. In the
meantime, VCC voltage begins to fall and consumes less
current for operation from 0.6mA to 300
A as it’s falling to
UVLO(off)
As VCC trips UVLO(off), HV pin will recharge VCC
capacitor till VCC voltage rises back to UVLO(on) again.
Since then, HV pin would no longer charge the capacitor
and instead, send a gate drive signal to draw supply
current for VCC from the auxiliary winding of the
transformer. That minimizes the power loss on the
start-up circuit successfully.
By using such configuration, the turn-on delay time will be
almost same no matter under low-line or high-line
conditions.
An UVLO comparator is embedded to detect the voltage
across Vcc pin to ensure the supply voltage enough to
power on the LD7765 and in addition to drive the power
MOSFET.
As shown in Fig 10, a hysteresis is provided
to prevent the shutdown from the voltage dip during
startup.
The turn-on and turn-off threshold level are set
at 17V and 8.5 V, respectively.
CS
VCC
GND
AC
input
C1
Cbulk
D1
+
~
~
HV
current
source
Rs
PWM IC
Fig 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com