Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWS433 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS433
Description  GaAs 0.95-2.15 GHz 2x2 Switch Matrix
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS433 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS433 Datasheet HTML 1Page - Hexawave, Inc HWS433 Datasheet HTML 2Page - Hexawave, Inc HWS433 Datasheet HTML 3Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HWS433
GaAs 0.95-2.15 GHz 2x2 Switch Matrix
September 2006
V2
Hexawave Inc.
2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan.
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Features
• Two Inputs, Two Outputs Switch Matrix
• High Isolation
• Low DC Power Consumption
• Small TSSOP-16 Plastic Lead(Pb) Free
Package
• PHEMT process
• Lead Free and RoHS Compliant Version of
HWS417
Description
The HWS433 is a GaAs PHEMT 2x2 switch matrix
operating at 0.95 to 2.15 GHz in a low cost TSSOP-16
plastic lead (Pb) free package. Any of the two inputs
can be directed to any of the two outputs. The
HWS433 is suitable for use in Direct Broadcast
Satellite
(DBS)
switching
system
or
CATV
applications.
TSSOP-16
Electrical Specifications at 25°C with 0V/+5V Control Voltages and 0 dBm Pin
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
0.95-2.15 GHz
5.0
7.0
dB
Insertion Loss Flatness
0.95-1.70 GHz
0.95-2.15 GHz
0.5
0.8
dB
dB
Isolation (Above Insertion Loss)
0.95-1.70 GHz
1.70-2.15 GHz
33
30
39
36
dB
dB
Output Return Loss
0.95-2.15 GHz
13
dB
Control Current
200
uA
Note: 1. All measurements made in a 50 ohm system with 0/+5.0V control voltages, unless otherwise specified.
2. ‘Isolation (Above Insertion Loss)’ =
∣‘isolation (off-state)’ – ‘insertion loss (on-state)’∣


Similar Part No. - HWS433

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS433_V3 HW-HWS433_V3_15 Datasheet
76Kb / 3P
GaAs 0.95-2.15 GHz 2x2 Switch Matrix
More results

Similar Description - HWS433

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1544HC3 NJRC-NJG1544HC3 Datasheet
164Kb / 8P
2x2 Antenna SWITCH GaAs MMIC
logo
Skyworks Solutions Inc.
SKY13292-365LF SKYWORKS-SKY13292-365LF Datasheet
1Mb / 14P
4 x 2 Switch Matrix with Tone/Voltage Decoder 250 MHz-2.15 GHz
SKY13264-340LF SKYWORKS-SKY13264-340LF Datasheet
112Kb / 3P
4 x 2 Switch Matrix 250 MHz-2.15 GHz
SKY13272-340LF SKYWORKS-SKY13272-340LF Datasheet
544Kb / 5P
4 x 2 Switch Matrix 250 MHz-2.15 GHz
logo
Hexawave, Inc
HWS388 HW-HWS388 Datasheet
140Kb / 3P
GaAs 0.95-2.15 GHz 4x2 Switch Matrix
HWS412 HW-HWS412 Datasheet
106Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS417 HW-HWS417 Datasheet
133Kb / 3P
GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS428 HW-HWS428 Datasheet
103Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS433_V3 HW-HWS433_V3_15 Datasheet
76Kb / 3P
GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS428_V5 HW-HWS428_V5_15 Datasheet
106Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com