Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3090FCT Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MBR3090FCT
Description  Isolated Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MBR3090FCT Datasheet(HTML) 2 Page - Microsemi Corporation

  MBR3090FCT Datasheet HTML 1Page - Microsemi Corporation MBR3090FCT Datasheet HTML 2Page - Microsemi Corporation MBR3090FCT Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated Schottky Barrier Rectifiers
www.Microsemi.com
2/3
Copyright
© 2010
June 2010 Rev B
MBR3040FCT to MBR30200FCT
Thermal Characteristics
Symbol
Parameter
Value
Unit
RΘJC
Junction to case
1.4
ºC/W
Fig.1 Forward current derating curve. For
capacitive load derate by 20%
Fig.2 Typical instantaneous forward characteristics
Fig.3 Typical reverse characteristics
Fig.4 Maximum non repetitive surge current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com