Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2436PCBA-41X Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2436PCBA-41X
Description  TRANSMIT/RECEIVE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2436PCBA-41X Datasheet(HTML) 5 Page - RF Micro Devices

  RF2436PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF2436PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF2436PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF2436PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF2436PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF2436PCBA-41X Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
RF2436
Rev A6 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
ANT to RX OUT, TX IN Terminated
Frequency Response=100MHz-3000MHz, Temp=-40°C/25°C/85°C,
Input Power= -30dBm, VCC=3V,
-34.5
-34.0
-33.5
-33.0
-32.5
-32.0
-31.5
-31.0
-30.5
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
3500.0
Frequency (MHz)
+85c
+25c
-40c
+
Output Variation with Termination of Unused Port
Frequency Response=900MHz-2500MHz, Temp=25°C,
Input Power= -30dBm, VCC=3V
-33.0
-32.8
-32.6
-32.4
-32.2
-32.0
-31.8
-31.6
-31.4
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
Frequency (MHz)
Unused Port
Terminated
Unused Port
Un-terminated
RoHS Compliant:
Yes
Package total weight in grams (g):
0.008
Compliance Date Code:
518
Bill of Materials Revision:
-
Pb Free Category:
e3
Pb
Cd
Hg
Cr VI
PBB
PBDE
Die
00
000
0
Molding Compound
00
000
0
Lead Frame
00
000
0
Die Attach Epoxy
00
000
0
Wire
00
000
0
Solder Plating
00
000
0
* DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment
RoHS* Banned Material Content
Bill of Materials
Parts Per Million (PPM)
This RoHS banned material content declaration was prepared solely on information, including analytical data, provided to RFMD by its
suppliers, and applies to the Bill of Materials (BOM) revision noted above.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com