Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2442PCBA-M Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2442PCBA-M
Description  HIGH-LINEARITY LOW NOISE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2442PCBA-M Datasheet(HTML) 4 Page - RF Micro Devices

  RF2442PCBA-M Datasheet HTML 1Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 2Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 3Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 4Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 5Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 6Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 7Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 8Page - RF Micro Devices RF2442PCBA-M Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RF2442
Rev B8 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1VCC1
Supply voltage for the LNA. External RF and IF bypassing is required. The
trace length between the pin and the bypass capacitors should be mini-
mized. The ground side of the bypass capacitors should connect immedi-
ately to ground plane. This pin connects to pin 8 through a 150
Ω resistor.
This allows for simple biasing of the collector at pin 6. Refer to Application
Schematics 1 and 3.
2GND1
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3RF IN
RF input pin. This pin is internally DC-blocked and matched to 50
Ω for fre-
quencies above 1GHz. When using below 1GHz, it is recommended that
this pin be matched with series inductance to series-resonate out the inter-
nal blocking capacitor. Refer to Application Schematics 1 and 2.
4GND2
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
5NC
No connection. This pin is typically left unconnected or grounded.
6RF OUT
LNA Output pin. This pin is an open-collector output. It must be biased to
either VCC or pin 8 through a choke or matching inductor. This pin is typi-
cally matched to 50
Ω with a shunt bias/matching inductor and series
blocking/matching capacitor. Refer to application schematics.
See pin 3.
7NC
No connection. This pin is typically left unconnected or grounded.
8VCC2
Optional power supply connection for biasing pin 6. This pin connects to
pin 1 through a 150
Ω resistor. This allows for simple biasing of the collec-
tor at pin 6. When used, this pin should be RF bypassed. Refer to Applica-
tion Schematics 1 and 3.
See pin 1.
150
Ω
VCC1
VCC2
BIAS
LNA OUT
To bias circuits
LNA IN
Shaded lead is pin 1.
0.192
± 0.008
0.118
± 0.004 sq
0.0256
0.012
6° MAX
0° MIN
0.021
± 0.004
0.006
± 0.002
0.034
0.006
± 0.003
-A-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com