Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433CCU7 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32L433CCU7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCU7 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32L433CCU7 Datasheet HTML 91Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 92Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 93Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 94Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 95Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 96Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 97Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 98Page - STMicroelectronics STM32L433CCU7 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 227 page
background image
DS11449 Rev 7
95/19
STM32L433xx
Electrical characteristics
194
6.3
Operating conditions
6.3.1
General operating conditions
Table 22. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK Internal AHB clock frequency
-
0
80
MHz
fPCLK1 Internal APB1 clock frequency
-
0
80
fPCLK2 Internal APB2 clock frequency
-
0
80
VDD
Standard operating voltage
-
1.71
(1)
3.6
V
VDDA Analog supply voltage
ADC or COMP used
1.62
3.6
V
DAC or OPAMP used
1.8
VREFBUF used
2.4
ADC, DAC, OPAMP, COMP,
VREFBUF not used
0
VDD12 Standard operating voltage
Full frequency range
1.08
1.32
V
Up to 26 MHz
1.05
VBAT
Backup operating voltage
-
1.55
3.6
V
VDDUSB USB supply voltage
USB used
3.0
3.6
V
USB not used
0
3.6
VIN
I/O input voltage
TT_xx I/O
-0.3
VDDIOx+0.3
V
All I/O except TT_xx
-0.3
Min(Min(VDD, VDDA,
VDDUSB, VLCD)+3.6 V,
5.5 V)(2)(3)
PD
Power dissipation at
TA = 85 °C for suffix 6
or
TA = 105 °C for suffix 7(4)
LQFP100
-
476
mW
LQFP64
-
444
LQFP48
-
350
UFBGA100
-
350
UFBGA64
-
307
UFQFPN48
-
606
WLCSP64
-
434
WLCSP49
-
416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com