Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433CBI7 Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32L433CBI7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBI7 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32L433CBI7 Datasheet HTML 92Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 93Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 94Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 95Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 96Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 97Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 98Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 99Page - STMicroelectronics STM32L433CBI7 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 227 page
background image
Electrical characteristics
STM32L433xx
96/19
DS11449 Rev 7
PD
Power dissipation at
TA = 125 °C for suffix 3(4)
LQFP100
-
119
mW
LQFP64
-
111
LQFP48
-
88
UFBGA100
-
88
UFBGA64
-
77
UFQFPN48
-
151
WLCSP64
-
109
WLCSP49
-
104
TA
Ambient temperature for the
suffix 6 version
Maximum power dissipation
–40
85
°C
Low-power dissipation(5)
–40
105
Ambient temperature for the
suffix 7 version
Maximum power dissipation
–40
105
Low-power dissipation(5)
–40
125
Ambient temperature for the
suffix 3 version
Maximum power dissipation
–40
125
Low-power dissipation(5)
–40
130
TJ
Junction temperature range
Suffix 6 version
–40
105
°C
Suffix 7 version
–40
125
Suffix 3 version
–40
130
1. When RESET is released functionality is guaranteed down to VBOR0 Min.
2. This formula has to be applied only on the power supplies related to the IO structure described by the pin definition table.
Maximum I/O input voltage is the smallest value between Min(VDD, VDDA, VDDUSB, VLCD)+3.6 V and 5.5V.
3. For operation with voltage higher than Min (VDD, VDDA, VDDUSB, VLCD) +0.3 V, the internal Pull-up and Pull-Down resistors
must be disabled.
4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Section 7.10: Thermal
characteristics).
5. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Section 7.10:
Thermal characteristics).
Table 22. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com