Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCI7 Datasheet(PDF) 186 Page - STMicroelectronics

Part # STM32L433RCI7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCI7 Datasheet(HTML) 186 Page - STMicroelectronics

Back Button STM32L433RCI7 Datasheet HTML 182Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 183Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 184Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 185Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 186Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 187Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 188Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 189Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 227 page
background image
Electrical characteristics
STM32L433xx
186/19
DS11449 Rev 7
Quad SPI characteristics
Unless otherwise specified, the parameters given in Table 96 and Table 97 for Quad SPI
are derived from tests performed under the ambient temperature, fAHB frequency and VDD
supply voltage conditions summarized in Table 22: General operating conditions, with the
following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 15 or 20 pF
•
Measurement points are done at CMOS levels: 0.5 ₓ VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 96. Quad SPI characteristics in SDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FCK
1/t(CK)
Quad SPI clock frequency
1.71 < VDD< 3.6 V, CLOAD = 20 pF
Voltage Range 1
--
40
MHz
1.71 < VDD< 3.6 V, CLOAD = 15 pF
Voltage Range 1
--
48
2.7 < VDD< 3.6 V, CLOAD = 15 pF
Voltage Range 1
--
60
1.71 < VDD < 3.6 V CLOAD = 20 pF
Voltage Range 2
--
26
tw(CKH)
Quad SPI clock high and
low time
fAHBCLK= 48 MHz, presc=0
t(CK)/2-2
-
t(CK)/2
ns
tw(CKL)
t(CK)/2
-
t(CK)/2+2
ts(IN)
Data input setup time
Voltage Range 1
2
-
-
Voltage Range 2
3.5
-
-
th(IN)
Data input hold time
Voltage Range 1
5
-
-
Voltage Range 2
6.5
-
-
tv(OUT)
Data output valid time
Voltage Range 1
-
1
5
Voltage Range 2
-
3
5
th(OUT)
Data output hold time
Voltage Range 1
0
-
-
Voltage Range 2
0
-
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com