Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCI7 Datasheet(PDF) 189 Page - STMicroelectronics

Part # STM32L433RCI7
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCI7 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button STM32L433RCI7 Datasheet HTML 185Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 186Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 187Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 188Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 189Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 190Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 191Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 192Page - STMicroelectronics STM32L433RCI7 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 227 page
background image
DS11449 Rev 7
189/19
STM32L433xx
Electrical characteristics
194
SAI characteristics
Unless otherwise specified, the parameters given in Table 98 for SAI are derived
from tests performed under the ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized inTable 22: General operating conditions, with
the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 ₓ VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output
alternate function characteristics (CK,SD,FS).
Table 98. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCLK
SAI Main clock output
-
-
50
MHz
fCK
SAI clock frequency(2)
Master transmitter
2.7 ≤ VDD ≤ 3.6
Voltage Range 1
-18.5
MHz
Master transmitter
1.71 ≤ VDD ≤ 3.6
Voltage Range 1
-12.5
Master receiver
Voltage Range 1
-25
Slave transmitter
2.7 ≤ VDD ≤ 3.6
Voltage Range 1
-22.5
Slave transmitter
1.71 ≤ VDD ≤ 3.6
Voltage Range 1
-14.5
Slave receiver
Voltage Range 1
-25
Voltage Range 2
-
12.5
tv(FS)
FS valid time
Master mode
2.7 ≤ VDD ≤ 3.6
-22
ns
Master mode
1.71 ≤ VDD ≤ 3.6
-40
th(FS)
FS hold time
Master mode
10
-
ns
tsu(FS)
FS setup time
Slave mode
1
-
ns
th(FS)
FS hold time
Slave mode
2
-
ns
tsu(SD_A_MR)
Data input setup time
Master receiver
2
-
ns
tsu(SD_B_SR)
Slave receiver
1.5
-
th(SD_A_MR)
Data input hold time
Master receiver
5
-
ns
th(SD_B_SR)
Slave receiver
2.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com