Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL6B2M1CESG2-5.. Datasheet(PDF) 5 Page - Multicomp Pro

Part # PAL6B2M1CESG2-5..
Description  PA Series Sub-Miniature Pushbutton Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PAL6B2M1CESG2-5.. Datasheet(HTML) 5 Page - Multicomp Pro

  PAL6B2M1CESG2-5.. Datasheet HTML 1Page - Multicomp Pro PAL6B2M1CESG2-5.. Datasheet HTML 2Page - Multicomp Pro PAL6B2M1CESG2-5.. Datasheet HTML 3Page - Multicomp Pro PAL6B2M1CESG2-5.. Datasheet HTML 4Page - Multicomp Pro PAL6B2M1CESG2-5.. Datasheet HTML 5Page - Multicomp Pro PAL6B2M1CESG2-5.. Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page <5>
V1.0
16/05/20
PA Series
Sub-Miniature Pushbutton Switches
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Wire
Multi-wire lead AWG20, section 0.6mm², UL approved. (Black / Green / Red)
Dimensions : Inches (Millimetres)
For PAL6 Series
Specifications
Max. Current/Voltage Rating
with Resistive Load
: 100mA 24V DC-life expectancy 200,000 cycles
2A 125V AC life expectancy 10,000 cycles
Initial Contact Resistance
: 50mΩ Max.
Insulation Resistance
: 1GΩ min. @ 500V DC
Dielectric Strength
: 1,000 V ACrms
Electrical Life at Full Load
: 200,000 cycles
Operating Temperature
: -30°C to 85°C
Panel Thickness
: 1.5mm (0.059") min. ~ 4mm (0.157") max.
Total Travel
: 2.5mm(0.098")
Operating Force
: 2N ~ 5N
Contact Bounce
: 10ms
Mechanical Life
: 1,000,000 cycles
Torque
: 0.5Nm max. applied to nut
Soldering
: 350°C max. for 5 seconds
Lead Free
Switch Function
Model
No.
Switch Function
Pos. 1
Pos. 2
PAL6
OFF
ON
Term.
COMM.
OPEN
1-3
Schematic
Dimensions
Additional Hardware
1. M12 × 0.75 Nuts
2. Locking Washer
3. O-Ring
L = Wire length
Code: L1 = 500mm
Code: L2 = 90mm
Code: L3 = 100mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com