Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM2016N Datasheet(PDF) 6 Page - SDMC Technology Co., Ltd

Part # DM2016N
Description  Software Protect IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDMC [SDMC Technology Co., Ltd]
Direct Link  https://en.sdmctech.com/
Logo SDMC - SDMC Technology Co., Ltd

DM2016N Datasheet(HTML) 6 Page - SDMC Technology Co., Ltd

  DM2016N Datasheet HTML 1Page - SDMC Technology Co., Ltd DM2016N Datasheet HTML 2Page - SDMC Technology Co., Ltd DM2016N Datasheet HTML 3Page - SDMC Technology Co., Ltd DM2016N Datasheet HTML 4Page - SDMC Technology Co., Ltd DM2016N Datasheet HTML 5Page - SDMC Technology Co., Ltd DM2016N Datasheet HTML 6Page - SDMC Technology Co., Ltd DM2016N Datasheet HTML 7Page - SDMC Technology Co., Ltd DM2016N Datasheet HTML 8Page - SDMC Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DM2016 Data sheet
V2.2
Sep 04,2008
6
6.3 EEPROM
DM2016 embeds 1024 bit EEPROM for users to store data. The access of EEPROM is through I
2
C
interface.
6.4 OTP memory
DM2016 embeds 128 bit OTP memory to store secret key.The access of OTP is also through
I
2
C interface. OTP can only be written one time and can not be read.
7、 ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Vs
Power Supply
-0.5 to 3.6
V
Vp
Signal Supply Voltage
-0.3 to 5.5
V
Tstg
Storage Temperature
0-125
Iout
Output Current
8
mA
7.2 Operating Conditions
Symbol
Parameter
Min
Type
Max
Unit
VDD
Power Supply
3.0
3.3
3.6
V
V
IL
Input Low Voltage
-0.3
0.8
V
V
IH
Input High Voltage
2.0
5.5
V
IL
V
OL
Output Low Voltage
0.4
V
V
OH
Output High Voltage
2.4
uA
I
OZ
Tristate Output Leakage Current
-10
+10
uA
I
L
Input Leakage Current
-10
+10
uA
I
OL
Output Low Current @ V
OL
=0.4V
2.2
3.4
4.0
mA
I
OH
Output High Current @ V
OL
=2.4V
2.89
4.78
6.63
mA
T
J
Junction temperature
0
25
70



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com