Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS85 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BAS85
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAS85 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAS85 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAS85 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.022(0.559)
0.016(0.406)
0.016(0.406)
0.022(0.559)
0.131(3.327)
0.145(3.683)
SOLDERABLE ENDS
1st BAND
2nd BAND
(1.676)
(1.524)
0.066
0.060
D1=
D2=D1
0.008(0.20)
0
D2
FEATURES
For general purpose applications
This diode features very low turn-on voltage
and fast switching. Thes e devices are protected
MECHANICAL DATA
Case:JEDEC mini-melf,glas s cas e
Weight: Approx.0.031 grams
Symbols
Min.
UNITS
30.0
V
V
V
V
V
V
A
pF
ns
/W
0.4
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
0.5
Thermal resistance junction to ambient
CJ
0.32
Pulse test tp<300
s,
<2%
@ IF=0.1mA
@ IF=1mA
Storage temperature range
TSTG
Reverse breakdow n voltage
Symbols
VR
0.24
@ IF=10mA
@ IF=30mA
IR
BAS85
by a PN junction guard ring against exces sive
SMALL SIGNAL SCHOTTKY DIODES
VOLTAGE RANGE: 30 V
CURRENT: 0.2 A
Mini-melf
GALAXY ELECTRICAL
voltage, such as electrostatic discharges
Pow er dissipation
@ TA=65
UNITS
c-55 ---+ 125
Polarity: Color band denotes cathode end
ABSOLUTE RATINGS
VR
IF
IFM
IFSM
Ptot
TJ
TA
600
1)
125
V
mA
mA
30.0
200
1)
300
1)
mA
mW
Max.
Typ.
c-55 ---+ 150
ELECTRICAL CHARACTERISTICS
Junction temperature
Ambient operating temperature range
RθJA
@ IF=100mA
Leakage current VR=25V
Junction capacitance at VR=1V,f=1MHz
Reverse recovery time @ IF=10mA,IR=10mA,IR=1mA
VF
Forw ard voltage
2.0
10
trr
5
430
1)
Value
200
1)
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Continuous reverse voltage
Forw ard continuous current
@
TA=25
Peak forw ard current
@
TA=25
Surge forw ard current
@
tp<1s,TA=25
0.8
www.galaxycn.com
BL
Document Number 0265016
1.
BLGALAXY ELECTRICAL


Similar Part No. - BAS85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS85 PHILIPS-BAS85 Datasheet
25Kb / 5P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAS85 DIODES-BAS85 Datasheet
47Kb / 1P
SILICON SCHOTTKY BARRIER DIODE
DS30189 Rev. A-5
logo
General Semiconductor
BAS85 GE-BAS85 Datasheet
42Kb / 2P
Schottky Diodes
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
More results

Similar Description - BAS85

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com