Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB220 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SB220
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SB220 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SB220 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SB220 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T J = 100 ℃
0.001
10
0.1
0.01
1.0
20
40
60
120 140
80
100
T J =2 5 ℃
T J =7 5 ℃
S B 220
S B 260
www.galaxycn.com
Document Number 0266005
2.
FIG.4--MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.2 --TYPICAL INSTATANEOUS FORWARD
FIG.3 --TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
CHARACTERISTICS
RATINGS AND CHARACTERISTIC CURVES
AMBIENT TEMPERATURE,
SB220 --- SB260
FIG.1 -- FORWARD CURRENT DERATING CURVE
REVERSE VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.5--TYPICAL JUNCTION CAPACITANCE
0
1
100
30
50
40
20
10
TJ=TJMAX
8.3ms Single Half
Sine-Wave
10
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
0.1
1
10
20
SB260
SB220
100
10
4
100
0.4
1000
0.1
0.2
0.3
0.4
0.5
50
0.6
0.7
0.8 0.9
1.0
1.1
1
10
SB220 - SB240
SB250 - SB260
TJ=25
PULSE WIDTH =300
µs
1%DUTY CYCLE
0.5
1.0
50
70
0
1.5
2.0
60
80
90 100
110 120 130
Resistive or
Inductive Load
0.375"(9.5mm)
Lead Length
140
BLGALAXY ELECTRICAL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com